Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VOL-PPCA-F32K Datasheet(PDF) 22 Page - 3M Electronics

Part # VOL-PPCA-F32K
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-PPCA-F32K Datasheet(HTML) 22 Page - 3M Electronics

Back Button VOL-PPCA-F32K Datasheet HTML 18Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 19Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 20Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 21Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 22Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 23Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 24Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 25Page - 3M Electronics VOL-PPCA-F32K Datasheet HTML 26Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
ST adapter, 24x19x3mm
P33425AA
ST coupling, Screws supplied for fixing to the patch panels
SC adapter, 24x19x3mm
P33420AA
SC coupling, Screws supplied for fixing to the patch panels
Storage kit,160x100x38mm
P33415AA
Including an arm and a drum
Volition™ Colour Port Cover, white
P33182AA
Type/Order Text
Ref.-No.
1.1
Copper Cabling
1.1.2
Volition™ RJ45 Giga Patch Panels
Description
20
Accessories for RJ45 Giga Patch Panels
Volition™ Colour Port Identification Bezels, Giga, PU: 8 pcs/bag, MOQ: 1 bag
Allows easy identification of the function of each RJ45 port, Adapted to all patch panels (16, 24, 32 and
48 ports). Require the presence of a RJ45 Jack.
Volition™ Port Identification Bezel, Giga, Red
P33240RE
Volition™ Port Identification Bezel, Giga, Yellow
P33240JA
Volition™ Port Identification Bezel, Giga, Blue
P33240BE
Volition™ Port Identification Bezel, Giga, Green
P33240VE
Fibre Optic Adapters
Allows for the connection of fibre optic couplings to the 19" patch panel using the RJ-45 ports. Available
either for ST or SC couplings. The fibre over length storage kit includes an arm and drum which is attached
on the rear plate of the 19" patch panel enabling the correct organisation of the fibre optic cables.
Volition™ Colour Port Covers
Allows ports on standby to be covered.
Highlights
•Identification and location bezels
• RJ-45 port covers
•Fibre optic adapters
• 19" Outlet, plate and box supports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com