Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL3455ACS-201 Datasheet(PDF) 25 Page - Emerson Network Power

Part # PL3455ACS-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL3455ACS-201 Datasheet(HTML) 25 Page - Emerson Network Power

Back Button PL3455ACS-201 Datasheet HTML 21Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 22Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 23Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 24Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 25Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 26Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 27Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 28Page - Emerson Network Power PL3455ACS-201 Datasheet HTML 29Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
23
Mounting Holes: DD8.156, DD8.125 (Threaded)
The 450 Series includes cable jacks and plugs with interchangeable
contact assemblies. The contact and body assemblies may be
ordered separately (see the facing page). Cable connectors accept
cables with a maximum outer diameter of .180" and conductors to
.025".
Contact customer service for exact specifications. For Trompeter
connectors which meet outgassing requirements, contact our
technical support staff for more information. Compatible with
Raychem DK-621 Series. Refer to page 22 for Keyings.
Chain options see page 57. “D” mounting holes see page 54.
Pin/Socket .... PS450AC-
Assembly
Coupling
Key
Body
Intermediate
Socket
Type
Code
Assembly Only
Contact Pin
3-lug
P
BJ459ACP-
BJ459ACPP-
BJ459ACPS-
3-lug
R
BJ459ACR-
BJ459ACRP-
BJ459ACRS-
3-lug
W
BJ459ACW-
BJ459ACWP-
BJ459ACWS-
4-lug
FL
BJ459ACFL-
BJ459ACFLP-
BJ459ACFLS-
Threaded
-
BJ3459AC-
BJ3459ACP-
BJ3459ACS-
Cable Plug
All Crimp
RFI Plug Caps & Terminations
Plugs for use with 450 Series Jacks
Intermediate
Coupling
RFI
Contact Pin to
Sockets to mate
Type
Caps
mate with Sockets
with Pins
3-lug
RFI455-
TNG451P-
-R
TNG451S-
-R
3-lug
RFI455-
TNG451P-
-R
TNG451S-
-R
3-lug
RFI455-
TNG451P-
-R
TNG451S-
-R
4-lug
RFI455FL-
TNG451FLP-
-R
TNG451FLS-
-R
Threaded
RFI3455-
TNG3451P-
-R
TNG3451S-
-R
450 Series
Intermediate Contact Assemblies
.4375 HEX NUT
.3125-32UNEF-2A
.047 SAFETY
WIRE HOLES-2 PLACES
.2400
DIA
.707
(1.25)
.030
1.365
.43 HEX
SEALING SLEEVE
(LONG)
.334
BJ459ACFL-202
CJ450ACFLP-202
.334
DIA
.2400
DIA
1.365
(1.25)
SEALING SLEEVE
.030
1.43
.030
SEALING
SLEEVE
1.25
.500 DIA OVER KNURL
.334
PL455ACR-221
Socket/Pin .... SP450AC-
Assembly
Coupling
Key
Body
Intermediate
Socket
Type
Code
Assembly Only
Contact Pin
3-lug
P
PL455ACP-
PL455ACPP-
PL455ACPS-
3-lug
R
PL455ACR-
PL455ACRP-
PL455ACRS-
3-lug
W
PL455ACW-
PL455ACWP-
PL455ACWS-
4-lug
FL
PL455ACFL-
PL455ACFLP-
PL455ACFLS-
Threaded
-
PL3455AC-
PL3455ACP-
PL3455ACS-
Assembly
Coupling
Key
Body
Intermediate
Socket
Type
Code
Assembly Only
Contact Pin
3-lug
P
CJ450ACP-
CJ450ACPP-
CJ450ACPS-
3-lug
R
CJ450ACR-
CJ450ACRP-
CJ450ACRS-
3-lug
W
CJ450ACW-
CJ450ACWP-
CJ450ACWS-
4-lug
FL
CJ450ACFL-
CJ450ACFLP-
CJ450ACFLS-
Threaded
-
CJ3450AC-
CJ3450ACP-
CJ3450ACS-
Twinax/Triax Connectors / Concentric Twinax
450 Series
Twinax/Triax Connectors / Concentric Twinax
450 Series
Bulkhead Cable Jack
Rear mount, All Crimp
Cable Jack
All Crimp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com