Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT38/25/3.8-3F4 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # PLT38/25/3.8-3F4
Description  Planar E cores and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PLT38/25/3.8-3F4 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  PLT38/25/3.8-3F4 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PLT38/25/3.8-3F4 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PLT38/25/3.8-3F4 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PLT38/25/3.8-3F4 Datasheet HTML 4Page - Ferroxcube International Holding B.V. PLT38/25/3.8-3F4 Datasheet HTML 5Page - Ferroxcube International Holding B.V. PLT38/25/3.8-3F4 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2008 Sep 01
4
Ferroxcube
Planar E cores and accessories
E38/8/25
Core halves for use in combination with a plate (PLT)
AL measured in combination with a plate (PLT), clamping force for AL measurements, 40
±15 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
250
±3%
≈ 45
≈ 1100
E38/8/25-3C90-A250-P
315
±3%
≈ 57
≈ 850
E38/8/25-3C90-A315-P
400
±3%
≈ 72
≈ 650
E38/8/25-3C90-A400-P
630
±5%
≈ 113
≈ 400
E38/8/25-3C90-A630-P
1000
±10%
≈ 180
≈ 250
E38/8/25-3C90-A1000-P
9250
±25%
≈ 1660
≈ 0
E38/8/25-3C90
3C92
7150
±25%
≈ 1290
≈ 0
E38/8/25-3C92
3C93
8500
±25%
≈ 1530
≈ 0
E38/8/25-3C93
3C94
250
±3%
≈ 45
≈ 1100
E38/8/25-3C94-A250-P
315
±3%
≈ 57
≈ 850
E38/8/25-3C94-A315-P
400
±3%
≈ 72
≈ 650
E38/8/25-3C94-A400-P
630
±5%
≈ 113
≈ 400
E38/8/25-3C94-A630-P
1000
±10%
≈ 180
≈ 250
E38/8/25-3C94-A1000-P
9250
±25%
≈ 1660
≈ 0
E38/8/25-3C94
3C95
11200
±25%
≈ 1990
≈ 0
E38/8/25-3C95
3F3
250
±3%
≈ 45
≈ 1100
E38/8/25-3F3-A250-P
315
±3%
≈ 57
≈ 850
E38/8/25-3F3-A315-P
400
±3%
≈ 72
≈ 650
E38/8/25-3F3-A400-P
630
±5%
≈ 113
≈ 400
E38/8/25-3F3-A630-P
1000
±10%
≈ 180
≈ 250
E38/8/25-3F3-A1000-P
8500
±25%
≈ 1520
≈ 0
E38/8/25-3F3
3F4
250
±3%
≈ 45
≈ 1100
E38/8/25-3F4-A250-P
315
±3%
≈ 57
≈ 850
E38/8/25-3F4-A315-P
400
±3%
≈ 72
≈ 650
E38/8/25-3F4-A400-P
630
±5%
≈ 113
≈ 400
E38/8/25-3F4-A630-P
1000
±10%
≈ 180
≈ 250
E38/8/25-3F4-A1000-P
4600
±25%
≈830
≈0
E38/8/25-3F4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com