Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2RF-P136 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # C2RF-P136
Description  Serie PA Description
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

C2RF-P136 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  C2RF-P136 Datasheet HTML 1Page - Cherry Semiconductor Corporation C2RF-P136 Datasheet HTML 2Page - Cherry Semiconductor Corporation C2RF-P136 Datasheet HTML 3Page - Cherry Semiconductor Corporation C2RF-P136 Datasheet HTML 4Page - Cherry Semiconductor Corporation C2RF-P136 Datasheet HTML 5Page - Cherry Semiconductor Corporation C2RF-P136 Datasheet HTML 6Page - Cherry Semiconductor Corporation C2RF-P136 Datasheet HTML 7Page - Cherry Semiconductor Corporation C2RF-P136 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Assemblies and
combinations
Individual switches in
combination with endcaps
can easily be built into block
assemblies by
integrated snap pins.
Spacers and housings
can be integrated in any
given sequence.
Special circuit
boards
If you require a specially
constructed PCB (special
material, terminals, layout
etc.), please consult the
factory.
Circuitry
Standard circuitry is
break-before-make (bbm).
For make-before-break
(mbb), please consult
the factory.
Codes
For standard codes please
refer to individual switch
series. Further and special
codes available upon
request.
Description
Colors and
legends
The standard switch color is
black. The wheels are black
with white characters.
Special colors for housings,
wheels and legends are
available upon request.
We are able to print letters,
symbols or figures
according to individual
requirements.
Mounting of
components
Many standard codes are
available with an extended
PCB for mounting of diodes
or resistors.
Stops
Cherry provides many
standard combinations of
rotation-limiting stops to
help tailor our switches
exactly to your application.
In series PE stops can
be installed in the field.
0
1
2
3
4
5
6
7
8
9
Common ”C“
connected to
Output 1
Output 2
Output 4
Output 8
Truth tables
Common C connected to
1
2
4
8
Readout-
symbols
Table 1: BCD
0
1•
2•
3•
•
4•
5•
•
6•
•
7•
•
•
8•
9•
•
Common C connected to
0 1 2 3 4 5 6 7 8 9
Readout-
symbols
Table 2: Decimal
0•
1•
2•
3•
4•
5•
6•
7•
8•
9•
Common C connec. to
1
2
Readout-
symbols
Table 4: Single pole repeating
+0
0
•
–1
5
•
+0
0
•
–1
5
•
+0
0
•
–1
5
•
+0
0
•
–1
5
•
+0
0
•
–1
5
•
Common C connec. to
1 2 3 4
–
1
–
2
–
4
–
8
Readout-
symbols
Table 8: BCD + complement
0• • • •
1•
• • •
2•
•
• •
3• •
• •
4•
• •
•
5•
•
•
•
6• •
•
•
7• • •
•
8• • • •
9•
•
• •
Common C connec. to
–
1
–
2
–
4
–
8
Readout-
symbols
Table 11: BCD complement
0•
•
•
•
1•
•
•
2•
•
•
3•
•
4•
•
•
5•
•
6•
•
7•
8•
•
•
9•
•
Common C connected to
1
2
4
8
Readout-
symbols
Table 5: Hexadecimal
0
1•
2•
3•
•
4•
5•
•
6•
•
7
•••
8•
9•
•
10 (A)
•
•
11(B)
•
•
•
12(C)
•
•
13(D)
•
•
•
14(E)
•
•
•
15(F)
••••
Switching
position


Similar Part No. - C2RF-P136

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
C2RR HAMMOND-C2RR Datasheet
66Kb / 2P
Equipment Storage Rack Cabinet C2RR Series 1,500 lbs Weight Capacity
C2RR194223BK1 HAMMOND-C2RR194223BK1 Datasheet
66Kb / 2P
Equipment Storage Rack Cabinet C2RR Series 1,500 lbs Weight Capacity
C2RR194223LG1 HAMMOND-C2RR194223LG1 Datasheet
66Kb / 2P
Equipment Storage Rack Cabinet C2RR Series 1,500 lbs Weight Capacity
C2RR194231BK1 HAMMOND-C2RR194231BK1 Datasheet
66Kb / 2P
Equipment Storage Rack Cabinet C2RR Series 1,500 lbs Weight Capacity
C2RR194231LG1 HAMMOND-C2RR194231LG1 Datasheet
66Kb / 2P
Equipment Storage Rack Cabinet C2RR Series 1,500 lbs Weight Capacity
More results

Similar Description - C2RF-P136

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
Description
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
DESCRIPTION
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
DESCRIPTION
logo
Hammond Manufacturing L...
PBEH HAMMOND-PBEH Datasheet
78Kb / 1P
Charnieres ext챕rieures - Serie PB
PWP HAMMOND-PWP Datasheet
64Kb / 2P
Panneau interieur - Serie PW
PWPVW HAMMOND-PWPVW Datasheet
75Kb / 1P
Hublots dinspection - Serie PW
logo
OSA Opto Light GmbH
OCL-400OWT OSA-OCL-400OWT Datasheet
478Kb / 7P
Serie 400 - Ceramics
logo
Sumida Corporation
54X6 SUMIDA-54X6 Datasheet
1Mb / 8P
HR-Serie SMT Chipinduktivit채ten
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com