Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST4E1240DT Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST4E1240DT
Description  High-speed 3.3 V / 5 V RS485 transceiver with ±12 kV IEC 61000-4-2 contact ESD protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4E1240DT Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST4E1240DT Datasheet HTML 23Page - STMicroelectronics ST4E1240DT Datasheet HTML 24Page - STMicroelectronics ST4E1240DT Datasheet HTML 25Page - STMicroelectronics ST4E1240DT Datasheet HTML 26Page - STMicroelectronics ST4E1240DT Datasheet HTML 27Page - STMicroelectronics ST4E1240DT Datasheet HTML 28Page - STMicroelectronics ST4E1240DT Datasheet HTML 29Page - STMicroelectronics ST4E1240DT Datasheet HTML 30Page - STMicroelectronics ST4E1240DT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Contents
1
Pin configuration ..................................................................2
2
Absolute maximum ratings and operating conditions ..............................3
3
Electrical characteristics...........................................................4
4
Test circuits .......................................................................8
5
Typical characteristics - All devices ...............................................12
5.1
Typical characteristics - ST4E1240............................................... 14
5.2
Typical characteristics - ST4E1216............................................... 17
6
Detailed description ..............................................................20
7
Package information..............................................................24
7.1
SO8 package information....................................................... 24
8
Ordering information .............................................................26
Revision history .......................................................................27
ST4E1216, ST4E1240
Contents
DS14542 - Rev 2
page 28/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com