Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL375-7 Datasheet(PDF) 86 Page - Emerson Network Power

Part # PL375-7
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-7 Datasheet(HTML) 86 Page - Emerson Network Power

Back Button PL375-7 Datasheet HTML 82Page - Emerson Network Power PL375-7 Datasheet HTML 83Page - Emerson Network Power PL375-7 Datasheet HTML 84Page - Emerson Network Power PL375-7 Datasheet HTML 85Page - Emerson Network Power PL375-7 Datasheet HTML 86Page - Emerson Network Power PL375-7 Datasheet HTML 87Page - Emerson Network Power PL375-7 Datasheet HTML 88Page - Emerson Network Power PL375-7 Datasheet HTML 89Page - Emerson Network Power PL375-7 Datasheet HTML 90Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
84
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
ESSEX
421-098
COAX
-22
-008
0.145
0.012
_
ESSEX
421-111
COAX
-22
-008
0.155
0.012
_
ESSEX
421-176
COAX
-1
_
0.195
0.039
_
ESSEX
621-100
COAX
-6A
_
0.405
0.064
_
ESSEX
621-106
TRIAX
-7
_
0.242
0.025
_
ESSEX
621-243
COAX
-41
_
0.270
0.040
_
ESSEX
621-284
COAX
-41
_
0.270
0.040
_
ESSEX
621-715
COAX
-1
*
0.195
0.025
_
FILOTEX
63247
TWINAX
_
-212
0.179
0.025
_
FILOTEX
96770
TWINAX
-47
_
0.142
0.024
_
FILOTEX
374693
COAX
-22
-009
0.149
0.020
_
FILOTEX
ET39110ED2
TRIAX
-15
TOO LARGE
0.490
0.064
_
FILOTEX
L910/39
COAX
-22
-009
0.155
0.020
_
FILOTEX
L910-42
COAX
-22
-009
0.155
0.020
_
FILOTEX
SP714
TRIAX
-23
_
0.138
0.012
75
GEPCO
7174
COAX
-5
-003
0.101
0.019
50
GEPCO
7537
COAX
-4
-009
0.160
0.023
75
GEPCO
7538
COAX
-37
-009
0.159
0.023
75
GEPCO
LVT61811
TRIAX
-15
TOO LARGE
0.516
0.068
75
GEPCO
RGB6000
COAX
-6
-016
0.304
0.032
75
GEPCO
RGB809
COAX
-22
-009
0.150
0.021
75
GEPCO
RGBS809
COAX
-22
-009
0.150
0.021
75
GEPCO
RGBSC809
COAX
-22
-009
0.150
0.021
75
GEPCO
V61859M
COAX
-2
_
0.242
0.030
75
GEPCO
V618J59
COAX
-2
-013
0.242
0.023
75
GEPCO
V618M59
COAX
-2
-013
0.242
0.023
75
GEPCO
VDFM809
COAX
-22
-009
0.150
0.021
75
GEPCO
VE61859
COAX
-2
-013A
0.242
0.030
75
GEPCO
VE61859M
COAX
-2
-013A
0.242
0.030
75
GEPCO
VFM809
COAX
-22
-009
0.150
0.022
75
GEPCO
VP6000
COAX
-6
-016
0.304
0.032
75
GEPCO
VP618PE/AP
COAX
-6
-016
0.304
0.032
75
GEPCO
VP618PE01
COAX
-6
-016
0.304
0.031
75
GEPCO
VP618PVC
COAX
-6
-016
0.304
0.032
75
GEPCO
VP618TK
COAX
-41
*
0.276
0.032
75
GEPCO
VPM1000
COAX
-2
-013
0.242
0.023
75
GEPCO
VPM2000
COAX
-2
-014
0.242
0.032
75
GEPCO
VPM618
COAX
-2A
-022
0.220
0.027
75
GEPCO
VS102000
COAX
-2
-014
0.243
0.032
75
GEPCO
VSD2001
COAX
-41
-020
0.273
0.040
75
GEPCO
VSM618
COAX
-22
-009
0.150
0.017
75
GEPCO
VT61811
TRIAX
-14
TOO LARGE
0.474
0.065
75
GORE
03352/CX
TRIAX
_
-303
0.150
0.012
_
GORE
C06C032
COAX
-5A
-001
0.075
0.019
_
GORE
CXA-8220
TRIAX
-60
-305
0.187
0.025
_
GORE
CXN-1352B
COAX
-44
*
0.078
0.016
_
GORE
CXN-1362
COAX
-36
_
0.101
0.031
_
GORE
CXN-1388
COAX
-5
-003
0.110
0.020
_
GORE
CXN-1456
COAX
-44
_
0.74
0.019
_
GORE
CXN-1722
COAX
-86
*
0.086
0.012
_
GORE
CXN-1939
COAX
-44
*
0.78
0.010
93
GORE
CXN-2223
TWINAX
-24
_
0.141
0.025
_
GORE
CXN-2268
TWINAX
_
-204
0.135
0.025
_
GORE
CXN-2363
TWINAX
_
-221
0.166
0.025
_
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com