Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL375-60 Datasheet(PDF) 41 Page - Emerson Network Power

Part # PL375-60
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-60 Datasheet(HTML) 41 Page - Emerson Network Power

Back Button PL375-60 Datasheet HTML 37Page - Emerson Network Power PL375-60 Datasheet HTML 38Page - Emerson Network Power PL375-60 Datasheet HTML 39Page - Emerson Network Power PL375-60 Datasheet HTML 40Page - Emerson Network Power PL375-60 Datasheet HTML 41Page - Emerson Network Power PL375-60 Datasheet HTML 42Page - Emerson Network Power PL375-60 Datasheet HTML 43Page - Emerson Network Power PL375-60 Datasheet HTML 44Page - Emerson Network Power PL375-60 Datasheet HTML 45Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
39
Ø.50
1.06
±.03
.437 HEX
.437 HEX
.375-32-2A TYP
.371
.662
1.290
.312 WRENCH FLATS
AD133
BNC MALE TO F TYPE FEMALE ADAPTER
F Type Jack
AD1300
75 OHM Coaxial Female BNC
to Male F Type Adapter
BNC Plug
AD1300
BNC to F Type Adapter
Coax Connectors / Coax F Type Connectors
130 Series
Type F Adapter
AD131
Between Series Coaxial Female
BNC to Male F Type Adapter
75Ω............................................... AD1300
“D” mounting holes are on page 54.
.304
.375-32UNEF-2A
.650
1.000
.250
BOARD
THICKNESS
Ø.400
Ø.045
.316
.312
.384
.380
RECOMMENDED
CUT-OUT
PART NO
BOARD THICKNESS
CBJE130-1
.060 - .064
CBJE130-2
.028 - .033
CBJE130-3
.090 - .094
Circuit Board Edge Mount
F Type Style Female Jack
CBJE130-1, -2, or -3
Note: This circuit board jack meets SCTE IPS-SP-401 and has a Return Loss of <-221B at 2 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com