Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL375MC-201 Datasheet(PDF) 64 Page - Emerson Network Power

Part # PL375MC-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375MC-201 Datasheet(HTML) 64 Page - Emerson Network Power

Back Button PL375MC-201 Datasheet HTML 60Page - Emerson Network Power PL375MC-201 Datasheet HTML 61Page - Emerson Network Power PL375MC-201 Datasheet HTML 62Page - Emerson Network Power PL375MC-201 Datasheet HTML 63Page - Emerson Network Power PL375MC-201 Datasheet HTML 64Page - Emerson Network Power PL375MC-201 Datasheet HTML 65Page - Emerson Network Power PL375MC-201 Datasheet HTML 66Page - Emerson Network Power PL375MC-201 Datasheet HTML 67Page - Emerson Network Power PL375MC-201 Datasheet HTML 68Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
62
Powered Cable Stripper
This powerful, low-cost, portable hand-held (less than 2.25 lbs)
cable stripper delivers, production quality performance, and
gives you up to 250 strips per charge (7.2 V Ni-cad battery without
memory effect). The replaceable, 3-level cutter head, is preset to
strip your coax cable for Trompeter’s 220 Series, Tool Crimp BNC
connectors. The cutter head has adjustable depth cutter blades
for precision tuning. Precision ground, tool steel blades (hardens
to Rockwell 64) give you up to 15,000 strips! Rapid Charger/
Reconditioner recharges your Ni-Cad in only 1.5 hours! Fast
charge: 1.5 hrs/Recondition in 3.1 hrs.
Powered Cable Stripper Kits (1-year Warranty)
Includes: 1 Driver, 1 Ni-Cad Battery Pack, 1 Cutter Head, 1 Rapid
Charger/Reconditioner Station, and 1 Carrying Case.
Cable Type Stripper/Cutter head
For RG-59
BCS/C24T3D
For 8281
BCS/C24T3U
Important Note:
The 3-level cutter heads included in the kits are set
to the same stripping dimensions as our STC-F (see below) stripping
cassette for Trompeter “Tool Crimp” BNC cable connectors.
Use 2-level cutter heads for Trompeter “Wrench Crimp” BNC
cable connectors.
Additional Accessories
Extra Cutter heads
See guide above
DC Driver Battery: Requires cutter head from above
BCS
AC Driver and AC Base Unit: Requires cutter head from above
ACS
Rapid Charger/Reconditioner
BRCC
Ni-Cad Battery Pack
ABP-NSA
AC Power Converter
ACC-NSA
Manual Cable Stripping Tools
Cable Cutting Tool
Designed to cut Coax cable without compressing dielectric or
damaging center conductor.
Cutting Tool
700-0024
Manual Cable Stripping Tool
Tool (only) - Requires blade cassette listed
ST1
Cassette (For Tool Crimp BNC Connectors)
STC-F
Cassette (For Wrench Crimp BNC Connectors)
STC-W
Cutter Head Guide
TROMPETER ELECTRONICS INC.
1.3
3.525
1.175
STC-F
LT GREEN
STC-W
GRAY
.156
.625
.108
.625
.330
1.405
Cable Strippers
Tools & Accessories
Cable Outside Diameter
2-Blade Cut
3-Blade Cut
D-Ring#
.070-.110
C24T2A
C24T3A
-D7
.160-.215
C24T2B
C24T3B
-D8
.190-.230
C24T2C
C24T3C
-D9
.235-.270
C24T2D
C24T3D
-DD8
.300-.430
C24T2E
C24T3E
.110-.160
C24T2I
C24T3I
.271-.305
C24T2U
C24T3U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com