Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLR155ACFL-201 Datasheet(PDF) 36 Page - Emerson Network Power

Part # PLR155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR155ACFL-201 Datasheet(HTML) 36 Page - Emerson Network Power

Back Button PLR155ACFL-201 Datasheet HTML 32Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 33Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 34Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 35Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 36Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 37Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 38Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 39Page - Emerson Network Power PLR155ACFL-201 Datasheet HTML 40Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
34
Mounting Hole: D3.218
D2.218 (Cable Groups 6,6E,51,52)
Add “A” for tall versions
Mounting Hole: D3.230
.380
DIA
.4375-28UNEF-2A
.500-28UNEF-2A
.562 HEX NUT
.562 HEX NUT
.757
1.060
SOLDER POT ACCEPTS
.060 DIA CONDUCTOR
.625-24UNEF-2A
1.000
.790
.096
.750 HEX NUT
.437 HEX
.687 HEX
.4375-28UNEF-2A
.830
1.237
1.074
.773
.046
.380
DIA
.4375-28UNEF-2A
.500-28UNEF-2A
.562 HEX NUT
.124
.030
TYP
.13 TYP
B
TYP
C
TYP
.258
TYP
D
TYP
.593 DIA
.040
TYP
.258
TYP
.649
ACROSS
POINTS
.258
TYP
E DIA TYP
.258
MODEL
LTR OHM A
B
C
D
E
NO.
CODE
DIM DIM DIM DIM DIM
CBBJR46
-
50 .046 .24 .090 .050 .0625
UCBBJR46
-
75 .029 .24 .090 .050 .0625
CBBJR46A
A
50 .046 .34 .090 .058 .070
UCBBJR46A
A
75 .029 .34 .090 .058 .070
A DIA
1.058
.382
.378
DIA
.425
.046
.4375-28UNEF-2A
.375-32UNEF-2A
SOLDER POT ACCEPTS
.060 DIA CONDUCTOR
.500 HEX NUT
.471
1.060
.500-28UNEF-2A
.562 HEX NUT
.562 HEX NUT
SOLDER POT
ACCEPTS
.060 DIA
CONDUCTOR
.500-28UNEF-2A
1.000
.806
.096
.625 HEX
.437 HEX
.687 HEX
.4375-28UNEF-2A
1.625
1.000
.806
.625 HEX NUT
.4375-28UNEF-2A
.437 HEX
.750
DIA
.593 DIA
.040
TYP
.258
TYP
.649
ACROSS
POINTS
1.237
1.074
.773
.046
.380
DIA
.4375-28UNEF-2A
.500-28UNEF-2A
.562 HEX NUT
CBBJR49 SHOWN
.124
.258
TYP
D
C
.13 TYP
.030
TYP
B
MODEL
LTR OHM A
B
C
D
E
NO.
CODE
DIM DIM DIM DIM DIM
CBBJR49
-
50 .046 .24 .090 .050 .0625
UCBBJR49
-
75 .029 .24 .090 .050 .0625
CBBJR49A
A
50 .046 .34 .090 .058 .070
UCBBJR49A
A
75 .029 .34 .090 .058 .070
.258
TYP
E DIA
TYP
.258
A DIA
Mounting Hole: D3.218 / D2.218
(Cable Groups 6, 6E,51,52)
Mounting Hole: D3.147
Coax Connectors / Miniature Coax Threaded 40/240 Series
TNC Bulkhead Jacks
Insulated Bulkhead Jack
Rear Mount, Solder Pot
50Ω..................................................... BJ41
75Ω................................................... UBJ41
Mounting Hole: D3.147
Insulated Bulkhead Jack
Rear Mount, Wrench Crimp
50Ω............................................... BJ46-
75Ω............................................ UBJ46-
Mounting Hole: D2.187
GF-Ground filter version page 40.
Insulated Circuit Board Jack
Right Angle
50Ω............................................... CBBJR46
75Ω............................................ UCBBJR46
50Ω............................................ CBBJR46A
75Ω.......................................... UCBBJR46A
“A” refers to tall versions
Mounting Hole: D3.156
Bulkhead Jack
Solder Pot
50Ω..................................................... BJ40
75Ω................................................... UBJ40
Mounting Hole: D5.125
Insulated Bulkhead Jack
Front Mount, Solder Pot
50Ω................................. BJ47
75Ω................................. UBJ47
Bulkhead Cable Jack
Wrench Crimp
50Ω................................... BJ49-
75Ω................................. UBJ49-
Bulkhead Cable Jack
Tool Crimp
50Ω................................. BJ249-
Circuit Board Jack Bulkhead Mount
Right Angle
50Ω............................................... CBBJR49
75Ω............................................ UCBBJR49
“D” mounting holes are on page 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com