Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX2FS2001BSAA Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # PX2FS2001BSAA
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2FS2001BSAA Datasheet(HTML) 2 Page - Honeywell Accelerometers

  PX2FS2001BSAA Datasheet HTML 1Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 2Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 3Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 4Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 5Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 6Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 7Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 8Page - Honeywell Accelerometers PX2FS2001BSAA Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
sensing.honeywell.com
Heavy Duty Pressure Transducers
Honeywell’s PX2 Series Heavy Duty Pressure Transducer is a portfolio of highly configurable pressure sensors that use
piezoresistive sensing technology with ASIC (Application Specific Integrated Circuit) signal conditioning in a stainless steel
housing. The PX2 Series is fully calibrated and compensated for offset, sensitivity, temperature effects and non-linearity
using the on-board ASIC. This provides a Total Error Band of ±2% over the operating temperature range of -40 ºC to
125 ºC [-40 °F to 257 °F].
With thousands of possible configurations, the PX2 Series allows Honeywell to meet customer requirements and quickly
provide samples. New standard configurations are regularly being added.
The PX2 Series is compatible with a variety of harsh media including brake fluid, refrigerants, engine oil, tap water, hydraulic
fluids, and compressed air. The wide operating temperature range, ingress protection up to IP69K, and 100 V/m radiated
immunity allow for reliable performance in tough environments.
These transducers measure absolute or sealed gage pressure. The absolute versions have an internal vacuum reference
and an output value proportional to absolute pressure. The sealed gage versions have an internal pressure reference of one
atmosphere at sea level.
The PX2 Series is available in three pressure ranges, with additional pressure ranges coming soon.
• 1 bar to 46 bar
• 100 kPa to 4.6 MPa
• 15 psi to 667 psi
All products are RoHS compliant and are designed and manufactured according to ISO 9001 standards.
Count on affordability and availability with these
high performing, durable transducers.
AFFORDABLE • AvAiLABLE • high pERFORmAncE
What makes our transducers better?
Affordable: Competitive product cost, over
15,000 standard configurations, and global
application support
Available: Wide selection of features and
a short lead time for samples and
production parts
High performance: Small Total Error
Band, fast response time, and long life
High durability: Environmentally
tough, wide operating temperature
range, and ability to withstand
mechanical shock and vibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com