Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8176191 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8176191
Description  Rotary gripper module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8176191 Datasheet(HTML) 2 Page - Festo Corporation.

  8176191 Datasheet HTML 1Page - Festo Corporation. 8176191 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
DC nominal voltage
24 V
Winding inductance phase
2.8 mH
Winding inductance phase, rotation
2.3 mH
Phase winding resistance
2 Ohm
Winding resistance phase, rotation
0.83 Ohm
Pulses per revolution
500
Pulses per revolution, rotation
500
Nominal current per phase
0.5 A
Nominal current per phase, rotation
2.8 A
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
LABS (PWIS) conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 70 °C
Relative air humidity
0 - 85 %
Non-condensing
Degree of protection
IP20
Ambient temperature
18 °C ... 28 °C
Gripping force per gripper jaw
18 N ... 67 N
Gripping force at 25% nominal current
12 N ... 22 N
Gripping force at nominal current
61 N ... 71 N
Motor holding torque
0.115 Nm
Holding torque motor, rotation
1 Nm
Mass moment of inertia
0.038 kgcm²
Mass moment of inertia, rotation
0.51 kgcm²
Max. output torque
1 Nm
Maximum torque on gripper jaw, Mx static
3.5 Nm
Maximum torque on gripper jaw, My static
5 Nm
Maximum torque on gripper jaw, Mz static
5 Nm
Maximum rated load
0.5 kg
Feed constant
2.3 mm/U
Permissible axial shaft load
15 N
Permissible radial shaft load
0 N
Product weight
1255 g
Electrical connection 1, function
2x motor
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
PTSM
Electrical connection 1, number of pins/wires
8
Electrical connection for input 1, connection pattern
00997539
Electrical connection 2, function
2x encoder
Electrical connection 2, connection type
Plug
Electrical connection 2, connection technology
JST-ZH
Electrical connection 2, number of pins/wires
16
Electrical connection 2, connection pattern
00997540
Type of mounting
With dovetail slot
Note on materials
RoHS-compliant
Cover material
PA-reinforced
Housing material
Wrought aluminum alloy, anodized
8/13/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com