Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX2AM1001BAAB Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # PX2AM1001BAAB
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2AM1001BAAB Datasheet(HTML) 4 Page - Honeywell Accelerometers

  PX2AM1001BAAB Datasheet HTML 1Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 2Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 3Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 4Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 5Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 6Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 7Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 8Page - Honeywell Accelerometers PX2AM1001BAAB Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
sensing.honeywell.com
SMALL TOTAL ERROR BAND (TEB)
Honeywell specifies TEB, the most comprehensive, clear, and meaningful
measurement that provides the transducer’s true accuracy over a compensated
temperature range of -40 °C to 125 °C [-40 °F to 257 °F] (see Figure 1).
The PX2 Series’ industry-leading TEB of ±2%:
•
Provides excellent transducer interchangeability due to minimal part-to-part
variation in accuracy.
•
Eliminates the customers’ need for individual transducer testing and calibration.
•
Supports system accuracy and warranty requirements.
FAST RESPONSE TIME
A fast response time of <2 ms helps maximize system performance.
LONG LIFE
A minimum 10 million cycles to operating pressure provides long life in the application.
Features
and Benefits
Dependable, consistent performance.
+
+
+
+
+
Pressure Non-Linearity
Pressure Hysteresis
Pressure Non-Repeatability
All Possible Errors
+
+
Offset
Full Scale Span
Thermal Effect on Offset
Thermal Effect on Span
Thermal Hysteresis
Total
Error Band
Accuracy
=
=
Figure 1: TEB For the PX2 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com