Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX2FS2001BSAB Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # PX2FS2001BSAB
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2FS2001BSAB Datasheet(HTML) 3 Page - Honeywell Accelerometers

  PX2FS2001BSAB Datasheet HTML 1Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 2Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 3Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 4Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 5Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 6Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 7Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 8Page - Honeywell Accelerometers PX2FS2001BSAB Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
sensing.honeywell.com
COST EFFECTIVE*
The PX2 Series is a precise pressure measurement solution that optimizes system
performance at a competitive cost.
DESIGNED FOR CONFIGURABILITY*
With over 15,000 standard configurations, the PX2 Series easily meets our
customers’ specific application needs.
APPLICATION EXPERTISE*
Knowledgeable application engineers are available to answer customers’ specific
design questions during the development of their product.
GLOBAL SUPPORT
Honeywell’s global presence offers customers immediate product and application
support throughout the development cycle, from design to global manufacturing.
WIDE SELECTION OF OPTIONS
Numerous standard or custom connectors, ports, pressure ranges and types, and
output options include:
•
Connector types: Delphi Metri-Pack 150, Micro M12, DIN, Deutsch, cable
harness (1 m, 2 m, 3 m, or 5 m).
•
Port types: 1/4-18 NPT, 1/8-27 NPT, 9/16-18 UNF SAE J1926-3, 7/16-20 UNF
SAE J1926-3, 1/4 in 45° Flare Female Schrader (7/16-20 SAE J512), M12 x
1.5 ISO 6149-3, G1/4 ISO 1179-3, G1/8 ISO 1179-3.
•
Pressure range: 1 bar to 46 bar | 100 kPa to 4.6 MPa | 15 psi to 667 psi.
•
Pressure reference: Absolute or sealed gage.
•
Output transfer function: Ratiometric, regulated or current.
SHORT LEAD TIME
Due to the PX2 Series’ configurability, customers can count on a quick response
to prototypes. Additionally, dedicated teams and manufacturing processes ensure
that product samples are shipped quickly to support your demanding product
development cycle.
*Competitive Differentiator
Affordability minimizes your cost to produce.
Features
and Benefits
Available feature-rich and fast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com