Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

45WER20KLFT7 Datasheet(PDF) 4 Page - Bi technologies

Part # 45WER20KLFT7
Description  4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

45WER20KLFT7 Datasheet(HTML) 4 Page - Bi technologies

  45WER20KLFT7 Datasheet HTML 1Page - Bi technologies 45WER20KLFT7 Datasheet HTML 2Page - Bi technologies 45WER20KLFT7 Datasheet HTML 3Page - Bi technologies 45WER20KLFT7 Datasheet HTML 4Page - Bi technologies 45WER20KLFT7 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1-28
Model 45
EXTENDED SHAFT OPTION (Inch/mm)
.018
±.007
0.46
±.18
Style 45JE shown.
Available for all Model 45 pin styles:
45G, 45J, 45W
PACKAGING
Standard: Embossed Tape & Reel
All units oriented with #1 pin to the right of the direction of feed.
13” Reel
7” Reel
Pin Style
G & J
W
G & J
W
Tape
Width
=
12 mm
16 mm
12 mm
16 mm
Sprocket
= 4 mm Pitch
4 mm Pitch
4 mm Pitch
4 mm Pitch
Capacity
= 1,000 Units
1,000 Units
500 Units
250 Units
Reel
Diameter
=
13” (330.2 mm)
7” (178 mm)
Option:
Anti-Static Tubes
All units oriented with #1 pin to same side.
Magazine
Capacity
=
100 Units



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com