Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

62PR2KLF Datasheet(PDF) 1 Page - Bi technologies

Part # 62PR2KLF
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

62PR2KLF Datasheet(HTML) 1 Page - Bi technologies

  62PR2KLF Datasheet HTML 1Page - Bi technologies 62PR2KLF Datasheet HTML 2Page - Bi technologies 62PR2KLF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
1-31
Model 62
ELECTRICAL
Standard Resistance Range, Ohms
10 to 1Meg
Standard Resistance Tolerance
±10% (<100 Ohms = ±20%)
Input Voltage, Maximum
200 Vdc or rms not to exceed power rating
Slider Current, Maximum
100mA or within rated power, whichever is less
Power Rating, Watts
0.5 at 70°C derating to 0 at 125°C
End Resistance, Maximum
2 Ohms
Actual Electrical Travel, Nominal
220°
Dielectric Strength
600Vrms
Insulation Resistance, Minimum
100 Megohms
Resolution
Essentially infinite
Contact Resistance Variation, Maximum
1% or 1 Ohm, whichever is greater
ENVIRONMENTAL
Seal
85°C Fluorinert® (No Leaks)
Temperature Coefficient, Maximum
±100ppm/°C
Operating Temperature Range
–55°C to +125°C
Thermal Shock
5 cycles, –55°C to +125°C (1%
∆RT, 1% ∆VR)
Moisture Resistance
Ten 24 hour cycles (1%
∆RT, IR 100 Megohms Min.)
Shock, 6ms Sawtooth
100G’s (1%
∆RT, 1% ∆VR)
Vibration
20G’s, 10 to 2,000 Hz (1%
∆RT, 1% ∆VR)
High Temperature Exposure
250 hours at 125°C (2%
∆RT, 2% ∆VR)
Rotational Life
200 cycles (2%
∆RT)
Load Life at 0.5 Watts
1,000 hours at 70°C (2%
∆RT)
Resistance to Solder Heat
260°C for 10 sec. (1%
∆RT)
MECHANICAL
Mechanical Stops
Solid
Torque, Starting Maximum
3 oz.-in. (0.021 N-m)
Weight, Nominal
.02 oz. (0.60 grams)
MODEL 62
1/4” Diameter
Single Turn
Cermet Trimming
Potentiometer
Fluorinert® is a registered trademark of 3M Company.
Specifications subject to change without notice.


Similar Part No. - 62PR2KLF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62P GRAYHILL-62P Datasheet
408Kb / 2P
Low Cost, PC Mount
62P GRAYHILL-62P Datasheet
5Mb / 33P
Custom, Absolute
logo
Belden Inc.
62P1204 BELDEN-62P1204 Datasheet
155Kb / 2P
Inst, 4 Pr #12 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC 150V NPLF THHN OR THWN
04-14-2023
62P1402 BELDEN-62P1402 Datasheet
151Kb / 2P
Inst PVC/PVC, 2 Pr #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
62P1402-0102540 BELDEN-62P1402-0102540 Datasheet
151Kb / 2P
Inst PVC/PVC, 2 Pr #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, TC-ER NPLF 90C Dry 75C Wet
12-20-2022
More results

Similar Description - 62PR2KLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6S104 ETC1-CT6S104 Datasheet
369Kb / 6P
Single Turn Trimming Potentiometer 6 mm Square, Cermet
logo
Bi technologies
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
4mm Diameter Single Turn Cermet Trimming Potentiometer
25PR10KLF BITECH-25PR10KLF Datasheet
122Kb / 4P
1/4??Square Single Turn Cermet Trimming Potentiometer
72PR10KLF BITECH-72PR10KLF Datasheet
81Kb / 6P
3/8 Square Single Turn Cermet Trimming Potentiometer
82PR10KLF BITECH-82PR10KLF Datasheet
62Kb / 4P
1/4 Diameter Single Turn Cermet Trimming Potentiometer
83PR10KLF BITECH-83PR10KLF Datasheet
55Kb / 3P
1/4 Single Turn Surface Mount Cermet Trimming Potentiometer
91PR10KLF BITECH-91PR10KLF Datasheet
69Kb / 4P
3/8 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF Datasheet
49Kb / 3P
1/2 Diameter Single Turn Cermet Trimming Potentiometer
93PR10KLF BITECH-93PR10KLF_12 Datasheet
55Kb / 3P
1/2 Diameter Single Turn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com