Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD55003S-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD55003S-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003S-E Datasheet(HTML) 3 Page - STMicroelectronics

  PD55003S-E Datasheet HTML 1Page - STMicroelectronics PD55003S-E Datasheet HTML 2Page - STMicroelectronics PD55003S-E Datasheet HTML 3Page - STMicroelectronics PD55003S-E Datasheet HTML 4Page - STMicroelectronics PD55003S-E Datasheet HTML 5Page - STMicroelectronics PD55003S-E Datasheet HTML 6Page - STMicroelectronics PD55003S-E Datasheet HTML 7Page - STMicroelectronics PD55003S-E Datasheet HTML 8Page - STMicroelectronics PD55003S-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
PD55003-E
Electrical data
Doc ID 12273 Rev 4
3/29
1
Electrical data
1.1
Maximum ratings
1.2
Thermal data
Table 2.
Absolute maximum ratings (TCASE = 25°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-source voltage
40
V
VGS
Gate-source voltage
± 20
V
ID
Drain current
2.5
A
PDISS
Power dissipation (@ TC = 70°C)
31.7
W
TJ
Max. operating junction temperature
165
°C
TSTG
Storage temperature
-65 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Junction - case thermal resistance
3.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com