Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-4 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CS-4
Description  RF COILS < SMD Type: CS-4 Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS-4 Datasheet(HTML) 1 Page - Sumida Corporation

  CS-4 Datasheet HTML 1Page - Sumida Corporation CS-4 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CS-4, CS-4N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
RF COILS < SMD Type: CS-4 Series>
4.9 ±0. 3
4 .5 Max .
3 .2 ± 0.5
1.5 ± 0. 2
0. 4 ± 0 .2
1.5 ± 0.2
◆ Product Description
・5.2×5.1mm Max.(L×W), 4.5mm Max. Height. (CS-4)
・5.4×5.2mm Max.(L×W), 4.5mm Max. Height. (CS-4N)
・Inductance: 1.0μH Max.
・Operating frequency:300MHz Max.
・In addition to the reference versions of parameters shown here,custom designs
are available to meet your exact requirements
◆ Feature
・Variable type.
・Both shielded(CS-4) and unshielded(CS-4N) types are available.
・RoHS Compliance
◆ Dimensions (mm)
CS-4
CS-4N
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
* Dimensions without tolerance are approx.
4.5 MAX.
4.9±0.5
1.5
1.5
0.4±0.1


Similar Part No. - CS-4

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NA COPAL-CS-4-12NA Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NB COPAL-CS-4-12NB Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NC COPAL-CS-4-12NC Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
CS-4-12NTA COPAL-CS-4-12NTA Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
More results

Similar Description - CS-4

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CFB3-6 SUMIDA-CFB3-6 Datasheet
152Kb / 2P
Filter Coils< SMD Type: CFB Series>
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
IFT COILS < SMD Type: CPG Series>
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS Series>
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
RF COILS < SMD Type: CS Series>
CY-4T SUMIDA-CY-4T Datasheet
89Kb / 2P
Filter Coils < SMD type: CY Series>
CFE654 SUMIDA-CFE654 Datasheet
126Kb / 1P
RF Coils < SMD Type: CFE Series>
S-4N SUMIDA-S-4N Datasheet
153Kb / 2P
RF COILS < Pin Type: S-4 Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com