Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA3504 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3504
Description  Video control combination circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3504 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3504 Datasheet HTML 3Page - NXP Semiconductors TDA3504 Datasheet HTML 4Page - NXP Semiconductors TDA3504 Datasheet HTML 5Page - NXP Semiconductors TDA3504 Datasheet HTML 6Page - NXP Semiconductors TDA3504 Datasheet HTML 7Page - NXP Semiconductors TDA3504 Datasheet HTML 8Page - NXP Semiconductors TDA3504 Datasheet HTML 9Page - NXP Semiconductors TDA3504 Datasheet HTML 10Page - NXP Semiconductors TDA3504 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1996 Jan 09
7
Philips Semiconductors
Product specification
Video control combination circuit
TDA3504
Notes
1. Maximum value 110 mA after warm-up.
2. Values are proportional to the supply voltage.
3. Matrixed according to equation V(G−Y) = −0.51V−(R−Y) − 0.19V−(B−Y).
4. Clipping due to internal signal limitation may occur when the Y input is greater than nominal and maximum contrast
and minimum brightness.
5. When V7-18 < 0.4 V during clamping time, the black levels of the inserted RGB signals are clamped on the black
levels of the internal RGB signals.
When V7-18 > 0.9 V during clamping time, the black levels of the inserted RGB signals are clamped on an internal
DC voltage (correct clamping of the external RGB signals is possible only when they are synchronous with the
sandcastle pulse).
6. Internal signal limitation is allowed to start at 5.5 V after warm-up time.
7. The sandcastle pulse is compared with three internal thresholds (proportional to VP) and the given levels separate
the various pulses.
8. Blanked to ultra-black (
−25%).
9. Pulse duration
≥3.5 µs.
Gv1-15;
Gv19-14
voltage gain with respect to colour
difference inputs (pins 14 and 15)
11
14
17
dB
α
1-15; α19-14
frequency response of colour
difference paths
f=0to2MHz
−−
3dB
Gv19-10;
Gv20-9; Gv1-8
voltage gain with respect to inserted
signals
12
14
16
dB
α
19-10; α20-9;
α1-8
frequency response of inserted
signal paths
f=0to10MHz
−−
3dB
∆t
19, 20, 1
difference in transition times
between R, G and B channels
015
ns
td
delay time between signal switching
and signal insertion
−25
+25
ns
∆G
19, 20, 1
difference in gain between normal
and signal insertion mode
−−
10
%
Sandcastle pulse detector (pin 6)
V6
the following amplitudes are
required for separating the various
pulses
horizontal and vertical
blanking; notes 7 and 8
2.1
2.5
2.9
V
horizontal; note 7
4.1
4.5
5.0
V
clamping; notes 7 and 9
7.6
8.0
12.0
V
no keying; note 7
−−
1.0
V
II
input current
LOW
−−
−110
µA
td
delay of leading edge of clamping
pulse
0.5
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com