Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57006-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # PD57006-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PD57006-E Datasheet HTML 11Page - STMicroelectronics PD57006-E Datasheet HTML 12Page - STMicroelectronics PD57006-E Datasheet HTML 13Page - STMicroelectronics PD57006-E Datasheet HTML 14Page - STMicroelectronics PD57006-E Datasheet HTML 15Page - STMicroelectronics PD57006-E Datasheet HTML 16Page - STMicroelectronics PD57006-E Datasheet HTML 17Page - STMicroelectronics PD57006-E Datasheet HTML 18Page - STMicroelectronics PD57006-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PD57006-E, PD57006S-E
Common source s-parameter
15/22
6.2
PD57006 (VDS = 28V IDS = 0.2A)
Table 9.
S-parameter
FREQ
IS11IIS21IIS12I
S12
∠Φ
IS22I
S22
∠Φ
(MHz)
50
0.953
-65
31.01
138
0.022
48
0.780
-52
100
0.855
-104
21.59
112
0.030
20
0.677
-85
150
0.823
-124
15.49
96
0.031
7
0.601
-101
200
0.818
-136
11.84
85
0.031
-5
0.605
-113
250
0.824
-144
9.54
75
0.031
-12
0.614
-118
300
0.832
-150
7.85
67
0.029
-19
0.635
-126
350
0.835
-155
6.48
59
0.029
-25
0.676
-129
400
0.845
-159
5.51
53
0.027
-31
0.696
-134
450
0.850
-162
4.69
4
0.025
-36
0.722
-137
500
0.860
-165
4.11
43
0.024
-41
0.748
-141
550
0.866
-168
3.58
38
0.023
-44
0.773
-144
600
0.870
-170
3.21
33
0.021
-48
0.790
-147
650
0.878
-172
2.88
29
0.019
-53
0.808
-150
700
0.883
-174
2.60
25
0.019
-53
0.821
-152
750
0.887
-177
2.37
21
0.016
-59
0.838
-154
800
0.890
-179
2.16
17
0.017
-60
0.846
-156
850
0.890
179
1.98
13
0.015
-62
0.856
-158
900
0.888
178
1.82
9
0.014
-67
0.869
-160
950
0.892
176
1.69
6
0.013
-70
0.879
-162
1000
0.894
174
1.57
3
0.013
-72
0.886
-163
1050
0.892
172
1.47
0
0.011
-76
0.892
-165
1100
0.888
170
1.36
-3
0.011
-80
0.894
-166
1150
0.885
169
1.28
-6
0.010
-86
0.899
-168
1200
0.880
167
1.21
-9
0.009
-89
0.897
-170
1250
0.872
165
1.16
-11
0.009
-95
0.901
-171
1300
0.864
163
1.11
-14
0.008
-103
0.906
-173
1350
0.856
161
1.09
-17
0.007
-110
0.905
-174
1400
0.844
159
1.06
-20
0.007
-118
0.905
-176
1450
0.824
156
1.06
-23
0.007
-129
0.906
-177
1500
0.806
154
1.04
-29
0.008
-143
0.910
-178
S11
∠Φ
S21
∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com