Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX2AS2002BAAC Datasheet(PDF) 15 Page - Honeywell Accelerometers

Part # PX2AS2002BAAC
Description  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2AS2002BAAC Datasheet(HTML) 15 Page - Honeywell Accelerometers

Back Button PX2AS2002BAAC Datasheet HTML 9Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 10Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 11Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 12Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 13Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 14Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 15Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 16Page - Honeywell Accelerometers PX2AS2002BAAC Datasheet HTML 17Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
sensing.honeywell.com
Heavy Duty Pressure Transducers
Figure 8. Port Dimensions (For reference only: mm/[in].)
N1 = 1/4–18 NPT
N2 = 1/8–27 NPT
Seal: pipe thread
Mating Geometry: ANSI B1.20.1
Installation Torque1: 2 to 3 Turns From Finger Tight
Seal: pipe thread
Mating Geometry: ANSI B1.20.1
Installation Torque1: 2 to 3 Turns From Finger Tight
S1 = 9/16–18 UNF SAE J1926-3
S2 = 7/16–20 UNF SAE J1926-3
Seal2,3: O-ring
Mating Geometry: SAE J1926-1
Installation Torque1: 30 N m [22.1 ft lb]
Seal2,3: O-ring
Mating Geometry: SAE J1926-1
Installation Torque1: 18 N m [12.3 ft lb]
F1 = 1/4 in 45º Flare Female Schrader (7/16–20 SAE J512)
M1 = M12 X 1.5 ISO 6149-3
Seal: 45º cone seal
Mating Geometry: SAE J512
Installation Torque1: 17 N m [12.5 ft lb]
Seal2,3: O-ring
Mating Geometry: ISO 6149-1
Installation Torque1: 25 N m [18.4 ft lb]
G1 = G1/4 ISO 1179-3
G2 = G1/8 ISO 1179-3
Seal2,3: O-ring
Mating Geometry: ISO 1179-1
Installation Torque1: 50 N m [38.9 ft lb]
Seal2,3: O-ring
Mating Geometry: ISO 1179-1
Installation Torque1: 25 N m [18.4 ft lb]
1
Straight thread maximum torque is validated to 150% of installation torque.
2
Seals for port order codes
S1, S2, M1, G1 and G2 are included and assembled to the sensor.
3
O-ring material is nitrile 70 durometer -30 ºC to 125 ºC [-22 ºF to 257 ºF].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com