Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB7NK80Z-1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB7NK80Z-1
Description  N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7NK80Z-1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB7NK80Z-1 Datasheet HTML 5Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 6Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 7Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 8Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 9Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 10Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 11Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 12Page - STMicroelectronics STB7NK80Z-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STP7NK80Z - STP7NK80ZFP - STB7NK80Z - STB7NK80Z-1
Electrical characteristics
9/18
Figure 13. Source-drain diode forward
characteristic
Figure 14. Normalized BVDSS vs temperature
Figure 15. Maximum avalanche energy vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com