Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STG3155 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3155
Description  Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3155 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3155 Datasheet HTML 4Page - STMicroelectronics STG3155 Datasheet HTML 5Page - STMicroelectronics STG3155 Datasheet HTML 6Page - STMicroelectronics STG3155 Datasheet HTML 7Page - STMicroelectronics STG3155 Datasheet HTML 8Page - STMicroelectronics STG3155 Datasheet HTML 9Page - STMicroelectronics STG3155 Datasheet HTML 10Page - STMicroelectronics STG3155 Datasheet HTML 11Page - STMicroelectronics STG3155 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STG3155
8/18
3.3
Analog switch characteristics
CL = 5pF, RL = 50Ω, TA = 25°C
3.4
Truth table
Table 7.
Analog switch characteristics
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
OIRR
Off Isolation
(1)
1.65-4.3
VS = 1VRMS
f = 100kHz
-74
dB
Xtalk
Crosstalk
1.6-4.3
VS = 1VRMS
f = 100kHz
-72
dB
THD
Total
Harmonic
Distortion
2.3-4.3
RL = 600Ω
VS = 2VPP
f = 20Hz to 20
kHz
0.03
%
BW
-3dB
Bandwidth
1.65-4.3
RL= 50Ω
70
MHz
CIN
Control Pin
Input
Capacitance
6.6
pF
CSn
Sn Port
Capacitance
3.3
f = 1MHz
42
CD
D Port
Capacitance
when Switch
is Enabled
3.3
f = 1MHz
103
1.
OFF Isolation = 20Log10 (VD/VS), VD = output. VS = input to OFF switch.
Table 8.
Truth table
Sel
Switch S1
Switch S2
HON
OFF (1)
LOFF (1)
1.
High impedance
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com