Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STI7109 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI7109
Description  Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7109 Datasheet(HTML) 2 Page - STMicroelectronics

  STI7109 Datasheet HTML 1Page - STMicroelectronics STI7109 Datasheet HTML 2Page - STMicroelectronics STI7109 Datasheet HTML 3Page - STMicroelectronics STI7109 Datasheet HTML 4Page - STMicroelectronics STI7109 Datasheet HTML 5Page - STMicroelectronics STI7109 Datasheet HTML 6Page - STMicroelectronics STI7109 Datasheet HTML 7Page - STMicroelectronics STI7109 Datasheet HTML 8Page - STMicroelectronics STI7109 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Description
STi7109
2/9
1
Description
The STi7109 is a new generation, high-definition set-top box / DVD decoder chip, and
provides very high performance for low-cost HD systems. STi7109 includes both Windows
Media Video 9 and H.264 video decoders for new, low bit rate applications.
Based on the Omega2 (STBus) architecture, this system-on-chip is a full back-end
processor for digital terrestrial, satellite, cable, DSL and IP client high-definition set-top
boxes, compliant with ATSC, SMPTE VC-1, DVB, DIRECTV, DCII, OpenCable and ARIB
BS4 specifications. It includes all processing for DVD applications.
The STi7109 demultiplexes, decrypts and decodes HD or SD video streams with associated
multichannel audio. Video is output to two independently formatted displays: a full resolution
display intended for a TV monitor, and a downsampled display intended for a VCR or DVD-
R. Connection to a TV or display panel can be analog through the DACs, or digital through a
copy protected DVI/HDMI. Composite outputs are provided for connection to the VCR with
Macrovision protection. Audio is output with optional PCM mixing to an S/PDIF interface,
PCM interface, or through integrated stereo audio DACs.
Digitized analog programs can also be input to the STi7109 for reformatting and display.
The STi7109 includes a graphics rendering and display capability with a 2D graphics
accelerator, three graphics planes and a cursor plane. A dual display compositor provides
mixing of graphics and video with independent composition for each of the TV and
VCR/DVD-R outputs.
The STi7109 includes a stream merger to allow seven different transport streams from
different sources to be merged and processed concurrently. Applications include DVR time-
shifted viewing of a terrestrial program, while acquiring an EPG/data stream from a satellite
or cable front end.
The flexible descrambling engine is compatible with required standards including DVB, DES,
AES and Multi2.
The STi7109 embeds a 266 MHz ST40-202 CPU for applications and device control. A dual
DDR1 SDRAM memory interface is used for higher performance, to allow the video decoder
the required memory bandwidth for VC-1/HD H.264 and sufficient bandwidth for the CPU
and the rest of the system. A second memory bus is also provided for flash memory, storing
resident software, and for connection of peripherals. This bus also has a high speed
synchronous mode that can be used to exchange data between two STi7109 devices. This
can be used to connect a second STi7109 as a co-decoder for a dual TV STB application.
A hard-disk drive (HDD) can be connected either to the serial ATA interface, or as an
expansion drive through the USB 2.0 port.
For IP-TV applications, the integrated 100BT Ethernet controller and MII/RMII interface can
be used for generic Ethernet delivery, as shown in Figure 4: Low-cost HD IP-TV set-top box
with HDD on page 4.
The USB or Ethernet interfaces can also be used to connect to a DOCSIS 2.0 CM gateway
for interactive cable applications.
The STi7109 is supported by STMicroelectronics’ STAPI software, and is compatible with
the STx7100 and STi7710.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com