Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADR4525 Datasheet(PDF) 42 Page - Analog Devices

Part # ADR4525
Description  Single Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4525 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADR4525 Datasheet HTML 38Page - Analog Devices ADR4525 Datasheet HTML 39Page - Analog Devices ADR4525 Datasheet HTML 40Page - Analog Devices ADR4525 Datasheet HTML 41Page - Analog Devices ADR4525 Datasheet HTML 42Page - Analog Devices ADR4525 Datasheet HTML 43Page - Analog Devices ADR4525 Datasheet HTML 44Page - Analog Devices ADR4525 Datasheet HTML 45Page - Analog Devices ADR4525 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. A | 42 of 59
Chip Grade Register
Address: 0x06, Reset: 0x05, Name: CHIP_GRADE
Identifies product variations and device revisions. The device revision refers to the version of the silicon and the device grade refers to the
version of the test procedure.
Table 26. Bit Descriptions for CHIP_GRADE
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DEVICE_GRADE
This is the Device Performance Grade.
0x0
R
[3:0]
DEVICE_REVISION
This is the Device Hardware Revision.
0x5
R
Scratch Pad Register
Address: 0x0A, Reset: 0x00, Name: SCRATCH_PAD
This register has no functional purpose. It is provided to test write and read operations.
Table 27. Bit Descriptions for SCRATCH_PAD
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VALUE
Software Scratchpad.
0x0
R/W
SPI Revision Register
Address: 0x0B, Reset: 0x83, Name: SPI_REVISION
Indicates the SPI interface revision.
Table 28. Bit Descriptions for SPI_REVISION
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VERSION
ADI SPI Standard Version.
0x83
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com