Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS4260LM Datasheet(PDF) 4 Page - STMicroelectronics

Part # IPS4260LM
Description  Industrial digital output expansion board based on IPS4260LM for STM32 Nucleo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260LM Datasheet(HTML) 4 Page - STMicroelectronics

  IPS4260LM Datasheet HTML 1Page - STMicroelectronics IPS4260LM Datasheet HTML 2Page - STMicroelectronics IPS4260LM Datasheet HTML 3Page - STMicroelectronics IPS4260LM Datasheet HTML 4Page - STMicroelectronics IPS4260LM Datasheet HTML 5Page - STMicroelectronics IPS4260LM Datasheet HTML 6Page - STMicroelectronics IPS4260LM Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 2. X-NUCLEO-OUT07A1 circuit schematic (2 of 2)
default: close 1-2
default =
close 1-2, 3-4,
5-6, 7-8
default =
all open
10V Rail
5V Rail
default =
closed
default =
Close 1-2
default:
close 1-2
default:
close 1-2
default:
open
(Open Load Disabled)
OUT2
OUT3
OUT4
OUT1
FLT_L
OL_L
IN1_L
IN2_L
IN3_L
IN4_L
DIAG1_L
DIAG2_L
DIAG3_L
DIAG4_L
V_FIELD_RP
V_FIELD
5v0
3v3
5v0
C13
100nF
C2 100nF
D2
U8
STISO620
VDD1
1
TXA
2
GND1
4
TXB
3
GND2
5
RXB
6
RXA
7
VDD2
8
D8
RED
J8
con8-2x4-strip-male
R10
12k
C6 1pF
C1 100nF
C14 100nF
R5
5.1k
J6
U5
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
C16 100nF
R23
220k
C5 100nF
SW1
1
2
3
J9
default: all open
1
2
3
4
5
6
R2
4.7K
D3
R11
12k
R22
220k
J4
C20
4.7uF
R16
22k
C17 100nF
SW7
C21
4.7uF
C18 100nF
C8 1pF
D10
SMAJ18CA
U4
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
J10
default: all open
1
2
3
4
5
6
R9
12k
R14
22k
C7 1pF
C9 1pF
U1
IPS4260LM
VZ1
3
PGND2
2
PGND1
1
IN3
6
IN4
7
IN1
4
IN2
5
OL
9
FLT
10
PGND4
20
LOAD4
14
VZ2
18
LOAD3
15
PGND3
19
LOAD1
17
LOAD2
16
ILIM
12
CoD
11
L1
6.8uH
1
2
C22
4.7uF
R21
220k
R8
5.1k
R1
4.7K
J7
con8-2x4-strip-male
U6
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
R12
12k
D1
D7
RED
D4
D9
SMAJ33CA
J3
R7
5.1k
C15 100nF
U3
STISO621
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8
R6
5.1k
R13
22k
C4 100nF
R15
22k
R20
220k
C3 100nF
SW8
1
2
3
DC1
PES1-S5-D5-M
NC
10
GND
1
-V0
5
Vin
2
0V
4
+V0
7
OPEN_LOAD
FAULT
VIS O_L
VIS O_L
VIS O_L
VIS O_L
5V_P
5V_P
5V_P
5V_P
VIS O_L
FAULT
OPEN_LOAD
5V_P
IN_DIAG1
IN_DIAG2
10V_P
5V_P
IN_DIAG4
VIS O_L
IN_DIAG3
IN_DIAG1
IN_DIAG2
IN_DIAG3
IN_DIAG4
IN_DIAG1
IN_DIAG2
IN_DIAG3
IN_DIAG4
OUT1
OUT2
OUT4
OUT3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com