Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UNTB0102L-S08-R Datasheet(PDF) 15 Page - Unisonic Technologies

Part # UNTB0102L-S08-R
Description  DUAL SUPPLY TRANSLATING RANSCEIVER; AUTO DIRECTION SENSING; 3-STATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UNTB0102L-S08-R Datasheet(HTML) 15 Page - Unisonic Technologies

Back Button UNTB0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 10Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 11Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 12Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 13Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 14Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 15Page - Unisonic Technologies UNTB0102L-S08-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
UNTB0102
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
15 of 16
www.unisonic.com.tw
QW-R140-031.a
DETAILED DESCRIPTION
Overview
The architecture of the UNTB0102 is shown in Figure 1. The device does not require an extra input signal to
control the direction of data flow from A to B or from B to A. In a static state, the output drivers of the UNTB0102 can
maintain a defined output level, but the output architecture is designed to be weak, so that they can be overdriven by
an external driver when data on the bus starts flowing in the opposite direction. The output of one-shot circuits detect
rising or falling edges on the A or B ports. During a rising edge, the one-shot circuits turn on the PMOS transistors
(T1, T3) for a short duration, accelerating the LOW-to-HIGH transition. Similarly, during a falling edge, the one-shot
circuits turn on the NMOS transistors (T2, T4) for a short duration, accelerating the HIGH-to-LOW transition. During
output transitions the typical output impedance is 70 Ω at VCCO=1.2V to 1.8V,50Ω at VCCO=1.8V to 3.3V and 40Ω at
VCCO=3.3V to 5.0V.
Figure 1. Architecture of UNTB0102 I/O Cell
Power-up
During operation VCCA must never be higher than VCCB, however during power-up VCCA ≥ VCCB does not damage
the device, so either power supply can be ramped up first. There is no special power-up sequencing required. The
UNTB0102
includes circuitry that disables all output ports when either VCCA or VCCB is switched off.
Enable and Disable
An output enable input (OE) is used to disable the device. Setting OE=LOW causes all I/Os to assume the
high-impedance OFF-state. The disable time (tdis with no external load) indicates the delay between when OE goes
LOW and when outputs actually become disabled. The enable time (ten) indicates the amount of time the user must
allow
for one one-shot circuitry to become operational after OE is taken HIGH. To ensure the high-impedance OFF-state
during power-up or power-down, pin OE should be tied to GND through a pull-down resistor, the minimum value of
the resistor is determined by the current-sourcing capability of the driver.
Pull-up or Pull-down Resistors on I/O Lines
As mentioned previously the UNTB0102 is designed with low static drive strength to drive capacitive loads of up to
70pF. To avoid output contention issues, any pull-up or pull-down resistors used must be above 50kΩ. For this
reason the UNTB0102 is not recommended for use in open drain driver applications such as 1-Wire or I
2C-bus. For
these applications, the level translator is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com