Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA3606AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA3606AT
Description  Multiple voltage regulator with battery detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3606AT Datasheet HTML 5Page - NXP Semiconductors TDA3606AT Datasheet HTML 6Page - NXP Semiconductors TDA3606AT Datasheet HTML 7Page - NXP Semiconductors TDA3606AT Datasheet HTML 8Page - NXP Semiconductors TDA3606AT Datasheet HTML 9Page - NXP Semiconductors TDA3606AT Datasheet HTML 10Page - NXP Semiconductors TDA3606AT Datasheet HTML 11Page - NXP Semiconductors TDA3606AT Datasheet HTML 12Page - NXP Semiconductors TDA3606AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 May 07
9
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606A
Fig.6 Curve for selecting the value of the output capacitor.
(1) Maximum ESR.
(2) Minimum ESR.
handbook, full pagewidth
2
0
1
0.68
(1)
(2)
10
output capacitor (
µF)
MBK118
4
6
8
stable region
100
1000
ESR
(
Ω)
APPLICATION CIRCUITS
In Fig.7 the quiescent current equals Iq +IRdivider.
The specified quiescent current equals Iq. When the
supply voltage is connected, the regulator will switch on
when the supply voltage exceeds 7.6 V. With the aid of a
timing capacitor at pin 6 the reset can be delayed (the
timer starts at the same moment as the regulator is
switched on).
Forced reset can be accomplished by short-circuiting the
timer capacitor by using the push button switch. When the
push button is released again, the timer restarts (only
when the regulator is on) causing a second reset on both
RES1 and RES2.
The maximum output current of the regulator equals:
When Tamb =85 °C, the maximum output current equals
138 mA. At lower ambient (Tamb < 0) temperature the
maximum output current equals 320 mA.
I
max
150
T
amb
–
R
th j-a
V
P
V
REG
–
()
×
-------------------------------------------------------
150
T
amb
–
50
V
P
5
–
()
×
------------------------------------ (mA)
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com