Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82PR2KLFTB Datasheet(PDF) 2 Page - Bi technologies

Part # 82PR2KLFTB
Description  1/4 Diameter Single Turn Cermet Trimming Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

82PR2KLFTB Datasheet(HTML) 2 Page - Bi technologies

  82PR2KLFTB Datasheet HTML 1Page - Bi technologies 82PR2KLFTB Datasheet HTML 2Page - Bi technologies 82PR2KLFTB Datasheet HTML 3Page - Bi technologies 82PR2KLFTB Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-66
Model 82
Model 82PA
SIDE ADJUSTMENT (Inch/mm)
.10
2.54
.10
2.54
.185
± .015
4.669
± 0.381
.035
0.889
.10
2.54
.17
4.32
.28
7.11
Case: Plastic
Housing: Metal
Model No. And Resistance
Value marked on this surface
.205
± .015
5.207
± 0.381
.36
9.14
.25
6.35
(3)
(2)
(1)
Min.
.012
0.305
Min.
(2)
(3)
(1)
.10
2.54
.10
2.54
.10
2.54
.17
4.32
.18
4.57
Min.
Model 82M
(2)
(1)
(3)
.10
2.5
.10
2.5
.21
5.3
.18
4.57
.020
0.51
Min.
Min.
Standoffs
Model 82W
90
° ±5°
(2)
(3)
(1)
.110
± .005
2.794
± 0.127
.025
± .005
0.635
± 0.127
Long X
.035
± .005
0.889
± 0.127
Wide X
Deep Slot
.250
± .015
6.350
± 0.381
Dia.
Terminal Pins (3)
Solderable
.017
± .003
0.432
± 0.076
Dia.
.140
3.556
Max.
.011
0.28
A
Standoffs
Housing Metal
Min.
.10
2.54
.10
2.54
.025
0.635
.25
6.35
Min.
.625
15.875
Min.
82P
82PF
Model
Dim. A
TOP ADJUSTMENT (Inch/mm)
Model 82P, 82PF
Note: Model 82P dimensions applicable to all models except as noted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com