Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DI-85 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DI-85
Description  2 W Charger: Replaces Unregulated Linear Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-85 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DI-85 Datasheet HTML 1Page - Power Integrations, Inc. DI-85 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S
FB
BP
J3-1
RTN
6 V,
0.33 A
J3-2
L
J-1
J-2
N
D1
1N4937
RF1*
8.2
Ω
2.5 W
C1
10
µF
400 V
C2
0.1
µF
50 V
L1
3300
µH
D4
UF4002
D3
1N4005
C5
220
µF
25 V
C3
330 nF
50 V
C4*
100 pF
250 VAC
*Optional components
R3
2 k
Ω
VR1*
1N5240B
10 V
R2
3 k
Ω
R1
37.4 k
Ω
T1
EE16
2
1
7
6
4
5
D2
1N4005
90-265
VAC
LinkSwitch-LP
PI-4106-101105
U1
LNK564P
www.powerint.com
Design Idea DI-85
LinkSwitch-LP 2 W Charger:
Replaces Unregulated Linear Solutions
February 2006
DI-85
®
Design Highlights
• Low-cost, low parts-count solution: 14-17 components
• Proprietary IC design and winding techniques enable a
Clampless
™ design with simple Filterfuse™ input stage
• ±5% over-temperature threshold – with hysteretic
recovery – keeps PCB temperatures below safety limits
• Auto-restart: output short circuit and open loop
protection
• IC creepage distance >3.2 mm: no arcing in high
humidity
• Easily meets all EPS energy efficiency standards
• Meets CISPR-22 Class B EMI with good margin
Operation
This LinkSwitch-LP based flyback converter (Figure 1)
provides an output VI curve (Figure 2) similar to that of an
unregulated line frequency transformer based supply, but with
output current that is limited past the maximum rated output
power (peak power point).
From no-load to the 2 W peak power point, the LNK564P
(U1) regulates the output voltage by skipping switching
cycles, based on the current delivered into the FEEDBACK
(FB) pin. At the peak power point, the supply delivers
>300 mA of load current at >5.7 VDC.
Past the peak power point, cycle skipping ceases and U1
limits the supplyʼs output current by reducing its oscillator
(MOSFET switching) frequency, as the voltage on the FB pin
drops. If the load demand causes the FB pin voltage to drop
below an auto-restart threshold voltage V
FB(AR) of 0.8 V (1 V to
1.5 V on the supply output) for more than 100 ms, the IC goes
into auto-restart mode. In auto-restart, MOSFET switching is
enabled for about 100 ms, approximately every 800 ms, until
the FB pin voltage increases above 0.8 V.
Due to the frequency jittering of the U1 internal oscillator and
the E-Shield™ winding techniques used in constructing the
transformer (T1), conducted EMI is adequately attenuated by
the LC filter formed by L1 and C1. Inductor L1 serves as both
a differential mode choke and a fuse. This Filterfuseis sleeved
with heat-shrink tubing, and its winding wire diameter was
selected so that it will open like a fuse if any single component
fails shorted. Thanks to the tight current limit tolerance of
the LinkSwitch-LP family and construction techniques used
on T1, the primary winding can be left Clampless, since the
peakdrainvoltagedoesnotapproachthe700Vdrain-to-source
breakdown voltage (BV
DSS) of U1.
With no optocoupler and such a low parts count, this supply
is cost competitive with the unregulated line frequency
transformer based solution it was designed to replace.
Application
Device
Power Output
Input Voltage
Output Voltage
Topology
Charger
LNK564P
2 W
90-265 VAC
6 V
Flyback
Figure 1. LNK564 Based 6 V, 330 mA, 2 W, Low-Cost, Flyback Charger Power Supply.


Similar Part No. - DI-85

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-80 POWERINT-DI-80 Datasheet
300Kb / 2P
0.6 W Non-Isolated Utility Meter Power Supply
DI-84 POWERINT-DI-84 Datasheet
393Kb / 2P
3 W Charger: <30 mW No-load Consumption
DI-88 POWERINT-DI-88 Datasheet
301Kb / 2P
PoE Detection and Classification (Class 0-3) Interface Circuit
logo
List of Unclassifed Man...
DI-8884A ETC2-DI-8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
logo
Power Integrations, Inc...
DI-89 POWERINT-DI-89 Datasheet
469Kb / 2P
Low Cost 2 W CV Power Adapter
More results

Similar Description - DI-85

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
PF5301 MICROSS-PF5301 Datasheet
288Kb / 1P
Linear Systems replaces discontinued LF5301
logo
Texas Instruments
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Qorvo, Inc
TQP9109 QORVO-TQP9109 Datasheet
712Kb / 11P
1/2 W 2-stage Linear Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com