Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDLL4772 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL4772
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4772 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL4772 Datasheet HTML 1Page - Microsemi Corporation CDLL4772 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
129
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 10 µA @ 25°C & VR = 6Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• 9.1 VOLT NOMINAL ZENER VOLTAGE + 5%
• LOW CURRENT OPERATING RANGE: 0.5 and 1.0 mA
• METALLURGICALLY BONDED
• DOUBLE PLUG CONSTRUCTION
CDLL4765
thru
CDLL4774A
MAXIMUM
ZENER
ZENER
MAXIMUM
VOLTAGE
TEMPERATURE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE
RANGE
TEMPERATURE
NUMBERS
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
v
z
@ I
ZT
I
ZT
Z
ZT
³V
ZT
MAXIMUM
(Note 3)
(Note 1)
(Note 2)
VOLTS
mA
OHMS
mV
°C
% / °C
CDLL4765
9.1
0.5
350
68
0 to + 75
0.01
CDLL4765A
9.1
0.5
350
141
-55 to + 100
0.01
CDLL4766
9.1
0.5
350
34
0 to + 75
0.005
CDLL4766A
9.1
0.5
350
70
-55 to + 100
0.005
CDLL4767
9.1
0.5
350
14
0 to + 75
0.002
CDLL4767A
9.1
0.5
350
28
-55 to + 100
0.002
CDLL4768
9.1
0.5
350
6.8
0 to + 75
0.001
CDLL4768A
9.1
0.5
350
14
-55 to + 100
0.001
CDLL4769
9.1
0.5
350
3.4
0 to + 75
0.0005
CDLL4769A
9.1
0.5
350
7
-55 to + 100
0.0005
CDLL4770
9.1
1.0
200
68
0 to + 75
0.01
CDLL4770A
9.1
1.0
200
141
-55 to + 100
0.01
CDLL4771
9.1
1.0
200
34
0 to + 75
0.005
CDLL4771A
9.1
1.0
200
70
-55 to + 100
0.005
CDLL4772
9.1
1.0
200
14
0 to + 75
0.002
CDLL4772A
9.1
1.0
200
28
-55 to + 100
0.002
CDLL4773
9.1
1.0
200
6.8
0 to + 75
0.001
CDLL4773A
9.1
1.0
200
14
-55 to + 100
0.001
CDLL4774
9.1
1.0
200
3.4
0 to + 75
0.0005
CDLL4774A
9.1
1.0
200
7
-55 to + 100
0.0005
NOTE 1
Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c. current
equal to 10% of l
ZT
.
NOTE 2
The maximum allowable change observed over the entire temperature range i.e.,
the diode voltage will not exceed the speci½ed mV at any discrete temperature
between the established limits, per JEDEC standard No.5.
NOTE 3
Zener voltage range equals 9.1 volts +5%


Similar Part No. - CDLL4772

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4772 CDI-DIODE-CDLL4772 Datasheet
111Kb / 2P
9.1 VOLT NOMINAL ZENER VOLTAGE 5%
CDLL4772A CDI-DIODE-CDLL4772A Datasheet
111Kb / 2P
9.1 VOLT NOMINAL ZENER VOLTAGE 5%
More results

Similar Description - CDLL4772

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
JAN1N821-1 MICROSEMI-JAN1N821-1 Datasheet
364Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com