Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1799CS5TRMPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1799CS5TRMPBF
Description  1kHz to 33MHz Resistor Set SOT-23 Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1799CS5TRMPBF Datasheet(HTML) 2 Page - Analog Devices

  LTC1799CS5TRMPBF Datasheet HTML 1Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 2Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 3Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 4Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 5Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 6Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 7Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 8Page - Analog Devices LTC1799CS5TRMPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC1799
2
Rev. E
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+) to GND ......................... –0.3V to 6V
DIV to GND .....................................–0.3V to (V+ + 0.3V)
SET to GND.....................................–0.3V to (V+ + 0.3V)
Operating Temperature Range
LTC1799C ................................................ 0°C to 70°C
LTC1799I .............................................–40°C to 85°C
LTC1799H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
1
2
3
V+
GND
SET
5
4
OUT
DIV
TJMAX = 150°C, θJA = 256°C/W
ORDER INFORMATION
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1799CS5#TRMPBF
LTC1799CS5#TRPBF
LTND
5-Lead Plastic TSOT-23
0°C to 70°C
LTC1799IS5#TRMPBF
LTC1799IS5#TRPBF
LTNE
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC1799HS5#TRMPBF
LTC1799HS5#TRPBF
LTND
5-Lead Plastic TSOT-23
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC1799IS5#WTRMPBF
LTC1799IS5#WTRPBF
LTNE
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC1799HS5#WTRMPBF
LTC1799HS5#WTRPBF
LTND
5-Lead Plastic TSOT-23
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Contact the factory for parts specified with wider operating temperature ranges.
Contact the factory for information on lead based finish parts.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com