Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPN3446ST6RG Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPN3446ST6RG
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN3446ST6RG Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPN3446ST6RG Datasheet HTML 1Page - SYNC POWER Crop. SPN3446ST6RG Datasheet HTML 2Page - SYNC POWER Crop. SPN3446ST6RG Datasheet HTML 3Page - SYNC POWER Crop. SPN3446ST6RG Datasheet HTML 4Page - SYNC POWER Crop. SPN3446ST6RG Datasheet HTML 5Page - SYNC POWER Crop. SPN3446ST6RG Datasheet HTML 6Page - SYNC POWER Crop. SPN3446ST6RG Datasheet HTML 7Page - SYNC POWER Crop. SPN3446ST6RG Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007/04/23
Ver.1
Page 2
SPN3446
N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
D
Drain
2
D
Drain
3
G
Gate
4
S
Source
5
D
Drain
6
D
Drain
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPN3446ST6RG
TSOP-6P
46YW
※
Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 )
※
SPN3446ST6RG : Tape Reel ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise
℃
noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate –Source Voltage
VGSS
±12
V
TA=25℃
5.3
Continuous Drain Current(TJ=150 )
℃
TA=70℃
ID
4.2
A
Pulsed Drain Current
IDM
25
A
Continuous Source Current(Diode Conduction)
IS
1.7
A
TA=25℃
2.0
Power Dissipation
TA=70℃
PD
1.3
W
Operating Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55/150
℃
Thermal Resistance-Junction to Ambient
RθJA
90
/W
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com