Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMD02N06TL8 Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMD02N06TL8
Description  Single N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMD02N06TL8 Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMD02N06TL8 Datasheet HTML 1Page - Excelliance MOS Corp. EMD02N06TL8 Datasheet HTML 2Page - Excelliance MOS Corp. EMD02N06TL8 Datasheet HTML 3Page - Excelliance MOS Corp. EMD02N06TL8 Datasheet HTML 4Page - Excelliance MOS Corp. EMD02N06TL8 Datasheet HTML 5Page - Excelliance MOS Corp. EMD02N06TL8 Datasheet HTML 6Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMD02N06TL8
2020/4/1
P.4
Fig.7 Gate Charge Characteristics
Fig.8 Typical Capacitance
Characteristics
Fig 11. Effective Transient Thermal Impedance
Fig 9. Maximum Safe Operating Area
Fig 10. Single Pulse Maximum Power Dissipation
0.1
1
10
100
1000
0.1
1
10
100
VDS , Drain-to-Source Voltage (V)
0
50,000
100,000
150,000
200,000
250,000
0.0000010.00001 0.0001
0.001
0.01
0.1
1
T1 TIME(SEC)
0
2
4
6
8
10
0
30
60
90
120
150
QG , Total Gate Charge (nC)
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
VDS , Drain-to-Source Voltage (V)
ID=50A
VDS=10V
Crss
Coss
Ciss
f=1MHz
VGS=0V
VGS=10V
Single Pulse
RθJC=0.6℃/W
TC=25℃
DC
10us
10ms
100us
Single Pulse
RθJC=0.6℃/W
TC=25℃
1ms
0.0001
0.001
0.01
0.1
1
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
time(sec)
Single Pluse
Duty cycle=0.5
0.1
0.05
0.02
0.01
0.2
1.Duty Cycle,D=
������
1
������
2
2. RθJC=0.6°C/W
3. TJ-TC=P*RθJC(t)
4. RθJC(t)=r(t)*RθJC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com