Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DME375A Datasheet(PDF) 1 Page - GHz Technology

Part # DME375A
Description  375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

DME375A Datasheet(HTML) 1 Page - GHz Technology

  DME375A Datasheet HTML 1Page - GHz Technology DME375A Datasheet HTML 2Page - GHz Technology DME375A Datasheet HTML 3Page - GHz Technology DME375A Datasheet HTML 4Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R.A.063099
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE
WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
DME375A
375 Watts, 50 Volts, Pulsed
Avionics 1025-1150 MHz
GENERAL DESCRIPTION
The DME375A is a high power COMMON BASE bipolar transistor.
It is
designed for pulsed systems in the frequency band 1025-1150 MHz. The device
has gold thin-film metallization for proven highest MTTF.
The transistor
includes input and output prematch for broadband capability.
Low thermal
resistance package reduces junction temperature, extends life.
CASE OUTLINE
55AW Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25!C
2
875 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)55 V
Emitter to Base Voltage (BVebo)4.0 V
Collector Current (Ic)30 A
Maximum Temperatures
Storage Temperature
-65 to +200 !C
Operating Junction Temperature
+200 !C
ELECTRICAL CHARACTERISTICS @ 25!
!!!C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
F
= 1025 – 1150 MHz
375
W
Pin
Power Input
85
W
Pg
Power Gain
6.5
dB
"
c
Collector Efficiency
Vcc = 50 Volts
PW = 10 #sec
DF =
1%
40
%
VSWR
1
Load Mismatch Tolerance
F = 1090 MHz
!:1
FUNCTIONAL CHARACTERISTICS @ 25!
!!!C
BVebo
Emitter to Base Breakdown
Ie = 20 mA
4.0
V
BVces
Collector to Emitter Breakdown
Ic = 25 mA
55
V
hFE
DC – Current Gain
Vce = 5V, Ic = 300 mA
10
$jc2
Thermal Resistance
0.2
!C/W
NOTE 1: At rated output power and pulse conditions
2. At rated pulse conditions
.
Initial Issue June 1994


Similar Part No. - DME375A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DME375A ETC1-DME375A Datasheet
186Kb / 3P
375WATTS 50VOLTS 1025/1150MHz AVIONICS
More results

Similar Description - DME375A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME800 ADPOW-DME800 Datasheet
262Kb / 4P
800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1090MP MICROSEMI-1090MP Datasheet
91Kb / 3P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
MS2553C MICROSEMI-MS2553C Datasheet
225Kb / 5P
35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com