Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS100R12N2T4P Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # FS100R12N2T4P
Description  EconoPACK™2 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC / bereits aufgetragenem Thermal Interface Material
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS100R12N2T4P Datasheet(HTML) 7 Page - Infineon Technologies AG

  FS100R12N2T4P Datasheet HTML 1Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 2Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 3Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 4Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 5Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 6Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 7Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 8Page - Infineon Technologies AG FS100R12N2T4P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Datasheet
7
V2.0
2018-01-11
FS100R12N2T4P
VorläufigeDaten
PreliminaryData
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(IF)
RGon=1.6
Ω,VCE=600V
IF [A]
0
20
40
60
80
100 120 140 160 180 200
0
2
4
6
8
10
12
Erec, Tvj = 125°C
Erec, Tvj = 150°C
SchaltverlusteDiode,Wechselrichter(typisch)
switchinglossesDiode,Inverter(typical)
Erec=f(RG)
IF=100A,VCE=600V
RG [
Ω]
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
Erec, Tvj = 125°C
Erec, Tvj = 150°C
TransienterWärmewiderstandDiode,Wechselrichter
transientthermalimpedanceDiode,Inverter
ZthJH=f(t)
t [s]
0,001
0,01
0,1
1
10
0,01
0,1
1
ZthJH : Diode
i:
ri[K/W]:
τi[s]:
1
0,038
0,000608
2
0,16
0,0174
3
0,297
0,101
4
0,129
1,53
NTC-Widerstand-Temperaturkennlinie(typisch)
NTC-Thermistor-temperaturecharacteristic(typical)
R=f(T)
TNTC [°C]
0
20
40
60
80
100
120
140
160
100
1000
10000
100000
Rtyp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com