Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPR-9 Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 20Page - Power Integrations, Inc. EPR-9 Datasheet HTML 21Page - Power Integrations, Inc. EPR-9 Datasheet HTML 22Page - Power Integrations, Inc. EPR-9 Datasheet HTML 23Page - Power Integrations, Inc. EPR-9 Datasheet HTML 24Page - Power Integrations, Inc. EPR-9 Datasheet HTML 25Page - Power Integrations, Inc. EPR-9 Datasheet HTML 26Page - Power Integrations, Inc. EPR-9 Datasheet HTML 27Page - Power Integrations, Inc. EPR-9 Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
5 W Universal Input Dual Output Isolated TNY266
03-April-2001
8.8 Acoustic Emissions
The power supply was subjected to acoustic emissions measurement.
The worst-case noise was
measured for variations of both AC line and output loading conditions and is presented in Figure. 8.8.1.
The test unit was placed in an anechoic acoustic chamber, with a microphone located approximately 1”
(25 mm) above the transformer (T1). The power supply was oriented in a horizontal position with the
power supply output loaded via an external Kikusui electronic load. The microphone output was fed to an
Audio Precision audio analyzer to provide the measurements shown. The curves shown indicate the
spectral content of the noise generated by the supply once the ANSI-A weighting factor has been applied.
The audio limit line (Figure 8.8.1) visible at +35 dB represents the generally accepted threshold for power
supply audio noise. A discrete audio frequency amplitude was used rather than a dBA value (dBA
represents the whole audio spectrum). Large peaks may not raise the dBA value yet can result in
unacceptable perceived noise.
As a reference, the approximate dBA background noise floor level is 30 dBA. The microphone sensitivity is
such that 20
µP = 0 dB SPL.
Up to a further 20 dB reduction can be expected from the measurement shown, once the power supply is
sealed inside an enclosure.
Audio Precision
04/18/01 10:47:42
FFT SPECTRUM ANALYSIS
-30
+80
-20
-10
+0
+10
+20
+30
+40
+50
+60
+70
d
B
r
A
0
22k
2k
4k
6k
8k
10k
12k
14k
16k
18k
20k
Hz
+35 dB=Audio Noise
Ambient Noise
Figure 8.8.1 - Worst Case Audio Level, 120 VAC Input, Full Load.
Page 24 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com