Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8143167 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8143167
Description  Servo drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8143167 Datasheet(HTML) 1 Page - Festo Corporation.

  8143167 Datasheet HTML 1Page - Festo Corporation. 8143167 Datasheet HTML 2Page - Festo Corporation. 8143167 Datasheet HTML 3Page - Festo Corporation. 8143167 Datasheet HTML 4Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Servo drive
CMMT-AS-C5-11A-P3-MP-S1
Part number: 8143167
General operating condition
Data sheet
Feature
Value
Type of mounting
Mounting plate, screwed on
Mounting position
Free convection
Vertical
Product weight
2200 g
Display
LED green/yellow/red
Control elements
Optional: CDSB operating unit
Conforms to standard
EN 61800-3
EN 61800-5-1
EN 61800-5-2
EN ISO 13849-1
Based on norm
EN 50581
EN 60204-1
EN 61508-1
EN 61508-2
EN 61508-3
EN 61508-4
EN 61508-5
EN 61508-6
EN 61508-7
EN 61800-2
EN 62061
Certification
RCM compliance mark
German Technical Control Board (TÜV)
c UL us - Listed (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU machinery directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK instructions for machines
To UK RoHS instructions
Certificate issuing authority
German Technical Control Board (TÜV) Rheinland UK Ltd.
01/205U/5640.01/23
German Technical Control Board (TÜV) Rheinland 01/205/5640.01/23
UL E331130
Storage temperature
-25 °C ... 55 °C
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 40 °C, the power must be reduced by
3%/°C.
UL-ambient temperature
0 °C ... 40 °C
Relative air humidity
5 - 90 %
Non-condensing
Max. installation height
2000 m
8/20/24 - Subject to change - Festo SE & Co. KG
1/4


Similar Part No. - 8143167

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8143163 FESTO-8143163 Datasheet
84Kb / 4P
Servo drive
8143164 FESTO-8143164 Datasheet
84Kb / 4P
Servo drive
8143165 FESTO-8143165 Datasheet
85Kb / 4P
Servo drive
8143166 FESTO-8143166 Datasheet
84Kb / 4P
Servo drive
8143168 FESTO-8143168 Datasheet
84Kb / 4P
Servo drive
More results

Similar Description - 8143167

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-EC-S1 FESTO-CMMT-AS-C2-11A-P3-EC-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-PN-S1 FESTO-CMMT-AS-C2-11A-P3-PN-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EC-S0 FESTO-CMMT-ST-C8-1C-EC-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com