Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-A36CPA9-R-155.520MHZ Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-A36CPA9-R-155.520MHZ
Description  PECL/LVPECL HF VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-A36CPA9-R-155.520MHZ Datasheet(HTML) 2 Page - Abracon Corporation

  AB-A36CPA9-R-155.520MHZ Datasheet HTML 1Page - Abracon Corporation AB-A36CPA9-R-155.520MHZ Datasheet HTML 2Page - Abracon Corporation AB-A36CPA9-R-155.520MHZ Datasheet HTML 3Page - Abracon Corporation AB-A36CPA9-R-155.520MHZ Datasheet HTML 4Page - Abracon Corporation AB-A36CPA9-R-155.520MHZ Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AB-x36C Series
14.35 x 9.27 x 6.48 mm
Datasheet #0629J
PECL/LVPECL HF VCXO
Revision U: 12/19/2023
www.nelfc.com
Electrical (cont.)
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Sub-harmonics
None
dBc
Frequency Stability usually
not specified unless
necessary. APR is specified
to incorporate stability
ΔF/F
Overall, including
temperature, aging 10 years,
shock and vibration @
Vc= Vcc/2; APR 50ppm or
less
±20
±30
ppm
Control Voltage Range
Vc
0
Vcc
V
Setability
Vcs
Vc to set F at Fo; T, Vcc,
load – nominal as shipped
0.4 Vcc
0.5 Vcc
0.6 Vcc
V
Absolute Pull Range
APR
Overall conditions, see part #
creation
20, 32,
50,100
ppm
Input Impedance
Zin
@ Fmod < 100kHz
50
KOhm
Modulation Bandwidth
At Vc = Vcc/2, -3dB
20
KHz
Enable
Pin 2 = Low, 0 to Vcc-2.6V
or floating
Enabled
V
Option L
Pin 2 = High, Vcc-0.5 V to
Vcc or floating
Enabled
V
Option P
Disable
Pin 2 = High, Vcc-0.5 V to
Vcc
Disabled
V
Option L
Pin 2 = Low, 0 to Vcc-2.6 V
Disabled
V
Option P
Environmental and Mechanical
Parameter
Description
Operating Temperature Range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. A
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic seal
Leak rate less than 1x10-8 atm.cc/s of helium
Soldering conditions
See MAX reflow profile below; The device may be reflowed once. Reflowing upside
down is not allowed. NO CLEAN assembly is recommended



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com