Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPR-21 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  EPR-21 Datasheet HTML 1Page - Power Integrations, Inc. EPR-21 Datasheet HTML 2Page - Power Integrations, Inc. EPR-21 Datasheet HTML 3Page - Power Integrations, Inc. EPR-21 Datasheet HTML 4Page - Power Integrations, Inc. EPR-21 Datasheet HTML 5Page - Power Integrations, Inc. EPR-21 Datasheet HTML 6Page - Power Integrations, Inc. EPR-21 Datasheet HTML 7Page - Power Integrations, Inc. EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
EPR-21 – 5 V, 30 W DC-DC Converter
19-Nov-02
2 Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Input Voltage
VIN
36
48
72
VDC
Input Voltage UV Turn-On
36
VDC
See AN-31
Input Voltage UV Turn-Off
29
VDC
See AN-31
Input Voltage OV Turn-Off
75
90
VDC
See AN-31
Input Voltage OV Turn-On
72
VDC
See AN-31
Output
Output Voltage
VOUT
4.8
5
5.2
V
± 4%
Output Ripple and Noise
VRIPPLE
65
100
mV
20 MHz Bandwidth
Output Current
IOUT
0
6
A
Line Regulation
± 0.2
%
Load Regulation
± 0.5
%
Transient Response Peak
Deviation
3
% of
VOUT
50% to 75% load step,
100 mA/
µs di/dt, 48 VDC input
Transient Response Recovery
200
µs
To 1% of final output voltage,
50% to 75% load step, 48 VDC
input
Overload Current
IOUT_OL
8
A
Unit enters auto-restart
Total Output Power
Continuous Output Power
POUT
30
W
Efficiency
η
85
%
Measured at POUT (30 W), 25
oC,
48 VDC Input
Environmental
Input-Output Isolation Voltage
1500
VDC
Ambient Temperature
TAMB
-40
75
oC
Maximum continuous output
power, 110
°C base plate
temperature, natural convection,
with Wakefield
628-65AB heat sink
Dimensions
mm
57.5 mm L x 43.6 mm W x
10.7mm H (16.8 mm H including
pins)
Page 4 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com