Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LS14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN74LS14
Description  Schmitt Triggers Dual Gate/Hex Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS14 Datasheet(HTML) 2 Page - ON Semiconductor

  SN74LS14 Datasheet HTML 1Page - ON Semiconductor SN74LS14 Datasheet HTML 2Page - ON Semiconductor SN74LS14 Datasheet HTML 3Page - ON Semiconductor SN74LS14 Datasheet HTML 4Page - ON Semiconductor SN74LS14 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN74LS14
http://onsemi.com
2
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ
Max
VT+
Positive-Going Threshold Voltage
1.5
2.0
V
VCC = 5.0 V
VT−
Negative-Going Threshold Voltage
0.6
1.1
V
VCC = 5.0 V
VT+−VT−
Hysteresis
0.4
0.8
V
VCC = 5.0 V
VIK
Input Clamp Diode Voltage
−0.65
−1.5
V
VCC = MIN, IIN = −18 mA
VOH
Output HIGH Voltage
2.7
3.4
V
VCC = MIN, IOH = −400 μA, VIN = VIL
VOL
Output LOW Voltage
0.25
0.4
V
VCC = MIN, IOL = 4.0 mA, VIN = 2.0 V
0.35
0.5
V
VCC = MIN, IOL = 8.0 mA, VIN = 2.0 V
IT+
Input Current at Positive-Going Threshold
−0.14
mA
VCC = 5.0 V, VIN = VT+
IT−
Input Current at Negative-Going Threshold
−0.18
mA
VCC = 5.0 V, VIN = VT−
IIH
Input HIGH Current
1.0
20
μA
VCC = MAX, VIN = 2.7 V
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
−0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
−20
−100
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
Total, Output HIGH
Total, Output LOW
8.6
16
mA
VCC = MAX
12
21
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Max
Unit
Test Conditions
tPLH
Propagation Delay, Input to Output
22
ns
VCC = 5.0 V
CL = 15 pF
tPHL
Propagation Delay, Input to Output
22
ns
3 V
0 V
VIN
VOUT
1.6 V
0.8 V
tPHL
1.3 V
1.3 V
tPLH
Figure 1. AC Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com