| Electronic Components Datasheet Search |
|
LD5523TGL Datasheet(PDF) 1 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD5523TGL Datasheet(HTML) 1 Page - Leadtrend Technology |
|
1 / 15 page ![]() LD5523T 04/08/2021 1 Leadtrend Technology Corporation www.leadtrend.com.tw LD5523T-DS-00 April 2021 Multi-Mode PWM Controller of Flyback with MOSFET Integrated REV. 00 General Description The LD5523T is built in a multi-mode PWM controller. The multi-mode PWM controller which consists of Quasi-Resonant (QR) PWM control for light load condition and Continue Conduction Mode (CCM) for heavy load condition. Moreover, the QR controller not only gains the system performance, but also brings the worse EMI capability, while the frequency swapping function of LD5523T can reduce the EMI emission of SMPS and helps the power circuit designers to simply deal with EMI filter and saves several component and developing time. The LD5523T is implemented in SOT-26 package, and includes the comprehensive protection function, such as Over Load Protection (OLP), Over Voltage Protection (OVP), Output Short Circuit Protection (OSCP) and internal Over Temperature Protection (OTP). Features Secondary-side feedback control with quasi-resonant + CCM operation Low Startup Current (<1 A) Ultra-low operating current at light load Cycle-by-Cycle Current Limit Green Mode Control UVLO (Under Voltage Lockout) LEB (Leading-Edge Blanking) on CS Pin VCC OVP (Over Voltage Protection) Adj. OVP (Over Voltage Protection) on FB pin. Adj. UVP (Under Voltage Protection) on FB pin. OLP (Over Load Protection) Internal OTP (Over Temperature Protection) Applications Switching AC/DC Adaptor Open Frame Switching Power Supply Typical Application |
Similar Part No. - LD5523TGL |
|
Similar Description - LD5523TGL |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |