Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD8526SGL Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD8526SGL
Description  Synchronous Rectification Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8526SGL Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD8526SGL Datasheet HTML 3Page - Leadtrend Technology LD8526SGL Datasheet HTML 4Page - Leadtrend Technology LD8526SGL Datasheet HTML 5Page - Leadtrend Technology LD8526SGL Datasheet HTML 6Page - Leadtrend Technology LD8526SGL Datasheet HTML 7Page - Leadtrend Technology LD8526SGL Datasheet HTML 8Page - Leadtrend Technology LD8526SGL Datasheet HTML 9Page - Leadtrend Technology LD8526SGL Datasheet HTML 10Page - Leadtrend Technology LD8526SGL Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LD8526S
01/03/2020
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8526S-DS-00 January 2020
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Drive (DRV Pin)
Total Turn-on delay time
(2)
TD_ON
65
ns
Total Turn-off delay time
(2)
TD_OFF
25
ns
Output High Voltage
Io=+10mA
VDRV_H
4.4
4.7
V
Output Low Voltage
Io=-10mA
VDRV_L
0.5
V
Turn-off propagation delay
TP
15
ns
Turn-on Rising time
(2)
, drive voltage from 20%(1V) to
80%(4V)
Tr
75
150
ns
Turn-off Falling time
(2), drive voltage from 80%(4V) to
20%(1V)
Tf
13
30
ns
Minimum On Time
TMIN_ON
0.7
1
1.3
µs
Minimum Off Time
TMIN_OFF
0.7
1
1.3
µs
On Chip OTP (Over Temperature) Auto-Recovery
OTP Level
(1)
TOTP
150
C
OTP Hysteresis
(1)
TOTP_HYS
30
C
Notes:
1.
Guaranteed by design.
2.
Load capacitance=4.7nF.
3.
For avoiding SR being too late to turn off in CCM, RDET must be adjusted from 600R down to appropriate value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com