Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4046BM1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4046BM1
Description  MICROPOWER PHASE-LOCKED LOOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4046BM1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4046BM1 Datasheet HTML 3Page - STMicroelectronics HCF4046BM1 Datasheet HTML 4Page - STMicroelectronics HCF4046BM1 Datasheet HTML 5Page - STMicroelectronics HCF4046BM1 Datasheet HTML 6Page - STMicroelectronics HCF4046BM1 Datasheet HTML 7Page - STMicroelectronics HCF4046BM1 Datasheet HTML 8Page - STMicroelectronics HCF4046BM1 Datasheet HTML 9Page - STMicroelectronics HCF4046BM1 Datasheet HTML 10Page - STMicroelectronics HCF4046BM1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HCF4046B
7/12
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
VCO SECTION
PD
Operating Power
Dissipation
5fO = 10KHz
R1 = 10M
Ω
R2 =
∞
VCOIN = VDD/2
70
140
µW
10
800
1600
15
3000
6000
fMAX
Maximum
frequency
5R1 = 10KΩ
C1 = 50pF
R2 =
∞
VCOIN = VDD
0.3
0.6
ns
10
0.6
1.2
15
0.8
1.6
5R1 = 5KΩ
C1 = 50pF
R2 =
∞
VCOIN = VDD
0.5
0.8
ns
10
1
1.4
15
1.4
2.4
Center Frequency
(fO) and frequency
Range fmax - fmin
Programable with external components R1, R2, and C1
See Design Information
Linearity
5
VCOIN =2.5V
±0.3
R1 = 10KΩ
1.7
%
10
VCOIN =5V
±1
R1 = 100KΩ
0.5
10
VCOIN =5V
±2.5
R1 = 400KΩ
4
15
VCOIN =7.5V
±1.5
R1 = 100KΩ
0.5
15
VCOIN =7.5V
±5
R1 = 1MΩ
7
Temperature
Frequency Stability
(no frequency
offset) fmin = 0
5
±0.12
%/°C
10
±0.04
15
±0.015
Temperature
Frequency Stability
(frequency offset)
fmin = 0
5
±0.09
10
±0.07
15
±0.03
VCO
Output Duty Cycle
5, 10, 15
50
%
tTLH tTHL VCO Output
Transition Time
5
100
200
ns
10
50
100
15
40
80
Source Follower Out-
put (Demodulated
Output): Offset Volt-
age VCOIN-VDEM
5, 10, 15
RS > 10KΩ
1.8
2.5
V
Source Follower
Output (Demodulated
Output): Linearity
5
RS = 100KΩ
VCOIN =2.5V
±0.3
0.3
%
10
RS = 300KΩ
VCOIN =5V
±2.5
0.7
15
RS = 500KΩ
VCOIN =7.5V
±5
0.9
VZ
Zener Diode Volt-
age
IZ = 50 µA
4.45
5.5
7.5
V
RZ
Zener Dynamic
Resistance
IZ = 1 mA
40
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com