Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S03 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1S03
Description  1.5A, 1.5 MHz adjustable, step-down switching regulator in DFN6
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1S03_07 Datasheet HTML 7Page - STMicroelectronics ST1S03_07 Datasheet HTML 8Page - STMicroelectronics ST1S03_07 Datasheet HTML 9Page - STMicroelectronics ST1S03_07 Datasheet HTML 10Page - STMicroelectronics ST1S03_07 Datasheet HTML 11Page - STMicroelectronics ST1S03_07 Datasheet HTML 12Page - STMicroelectronics ST1S03_07 Datasheet HTML 13Page - STMicroelectronics ST1S03_07 Datasheet HTML 14Page - STMicroelectronics ST1S03_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ST1S03
Typical performance characteristics
11/17
Figure 16.
Switch RDS-ON vs temperature
Figure 17.
Switch current limitation vs
temperature
Figure 18.
Load transient response
Figure 19.
Load transient response
VCC=5V, IO=100mA to 780mA, CI=4.7µF, CO=22µF,
L=3.3µH, TON=38µs, TJ=25°C
VCC=5V, IO=200mA to 1.2A, CI=4.7µF, CO=22µF, L=3.3µH,
TON=38µs, TJ=25°C
Figure 20.
Start-Up transient
Figure 21.
Start-Up transient
VCC = 5V, TJ = 25°C
VCC = 5V, TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com