Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320FCT85N6F Datasheet(PDF) 68 Page - STMicroelectronics

Part # M28W320FCT85N6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT85N6F Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M28W320FCT85N6F Datasheet HTML 61Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 62Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 63Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 64Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 65Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 66Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 67Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 68Page - STMicroelectronics M28W320FCT85N6F Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
Revision history
M28W320FCT, M28W320FCB
68/69
11
Revision history
Table 34.
Document revision history
Date
Revision
Changes
24-May-2004
0.1
First Issue
23-Aug-2004
0.2
Figure 2: TSOP Connections and Figure 3: TFBGA Connections
(Top view through package).
12-Jul-2005
1.0
Datasheet status promoted to Full Datasheet.
85, 90 and 100ns speed classes removed.
Temperature range 1 (0 to 70°C) removed.
Leaded package options removed and ECOPACK text updated.
28-Mar-2006
2
85, 90 and 100ns access time added.
Table 13: Operating and AC Measurement Conditions, Table 16:
Read AC Characteristics, Table 17: Write AC Characteristics, Write
Enable Controlled, Table 18: Write AC Characteristics, Chip Enable
Controlled, and Table 19: Power-Up and Reset AC Characteristics
updated.
Table 22: Ordering Information Scheme modified.
16-Oct-2006
3
Device function updated in Table 22: Ordering Information Scheme
to remove the 0.13µm technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com