Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28W320FCT10ZB6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # M28W320FCT10ZB6F
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 11Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 12Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 13Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 14Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 15Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 16Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 17Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 18Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
M28W320FCT, M28W320FCB
Bus operations
15/69
3.5
Automatic Standby
Automatic Standby provides a low power consumption state during Read mode. Following a
read operation, the device enters Automatic Standby after 150ns of bus inactivity even if
Chip Enable is Low, VIL, and the supply current is reduced to IDD1. The data Inputs/Outputs
will still output data if a bus Read operation is in progress.
3.6
Reset
During Reset mode when Output Enable is Low, VIL, the memory is deselected and the
outputs are high impedance. The memory is in Reset mode when Reset is at VIL. The power
consumption is reduced to the Standby level, independently from the Chip Enable, Output
Enable or Write Enable inputs. If Reset is pulled to VSS during a Program or Erase, this
operation is aborted and the memory content is no longer valid.
Table 2.
Bus Operations(1)
Operation
E
G
W
RP
WP
VPP
DQ0-DQ15
Bus Read
VIL
VIL
VIH
VIH
X
Don't Care
Data Output
Bus Write
VIL
VIH
VIL
VIH
XVDD or VPPH
Data Input
Output Disable
VIL
VIH
VIH
VIH
X
Don't Care
Hi-Z
Standby
VIH
XX
VIH
X
Don't Care
Hi-Z
Reset
XXX
VIL
X
Don't Care
Hi-Z
1.
X = VIL or VIH, VPPH = 12V ± 5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com