Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI2K Datasheet(PDF) 61 Page - STMicroelectronics

Part # LRI2K
Description  13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 57Page - STMicroelectronics LRI2K Datasheet HTML 58Page - STMicroelectronics LRI2K Datasheet HTML 59Page - STMicroelectronics LRI2K Datasheet HTML 60Page - STMicroelectronics LRI2K Datasheet HTML 61Page - STMicroelectronics LRI2K Datasheet HTML 62Page - STMicroelectronics LRI2K Datasheet HTML 63Page - STMicroelectronics LRI2K Datasheet HTML 64Page - STMicroelectronics LRI2K Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
LRI2K
Commands codes
61/89
20.13
Get System Info
When receiving the Get System Info command, the LRI2K sends back its information data in
the response.The Option_Flag is supported and must be reset to 0. The Get System Info
can be issued in both Addressed and Non Addressed modes.
Request parameter:
UID (Optional)
Response parameters:
Information Flags set to 0Fh. DSFID, AFI, Memory Size and IC reference fields are
present.
UID code on 64 bits
DSFID value
AFI value
memory size. The LRI2K provides 64 blocks (3Fh) of 4 bytes (03h).
IC Reference. Only the 6 MSBs are significant. The product code of the LRI2K is
00 1000b=8d
Response parameter:
Error Code as Error_Flag is set:
03h: Option not supported
0Fh: other error
Table 56.
Get System Info request format
Request SOF
Request_
Flags
Get System
Info
UID
CRC16
Request EOF
8 bits
2Bh
64 bits
16 bits
Table 57.
Get System Info response format when Error_Flag is NOT set
Response
SOF
Response_
Flags
Information
flags
UID
DSFID AFI
Memory
size
IC
reference
CRC16
Response
EOF
00h
0Fh
64 bits 8 bits 8 bits 033Fh 001000xxb 16 bits
Table 58.
Get System Info response format when Error_Flag is set
Response SOF
Response_Flags
Error code
CRC16
Response EOF
01h
8 bits
16 bits
Figure 52.
Get System Info frame exchange between VCD and LRI2K
VCD
SOF
Get System
Info request
EOF
LRI2K
<-t1-> SOF
Get System
Info
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com