Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M65KA512AB8W3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M65KA512AB8W3
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB8W3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M65KA512AB8W3 Datasheet HTML 21Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 22Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 23Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 24Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 25Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 26Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 27Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 28Page - STMicroelectronics M65KA512AB8W3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
M65KA512AB
DC and ac parameters
25/55
7
DC and ac parameters
This section summarizes the operating and measurement conditions, and the dc and ac
characteristics of the device. The parameters in the dc and ac characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 7: Operating and ac measurement conditions. Designers should check that the
operating conditions in their circuit match the measurement conditions when relying on the
quoted parameters.
Figure 3.
AC measurement I/O waveform
Table 7.
Operating and ac measurement conditions
Symbol
Parameter(1)
1.
All voltages are referenced to VSS = 0 V.
M65KA512AB
Units
Min
Max
VDD
Supply voltage
1.7
1.9
V
VDDQ
Input/Output supply voltage
1.7
1.9
V
TJ
Junction temperature
− 30
85
°C
CL
Load capacitance
30
pF
tT,
tR, tF
Input Transition Time between VIL and VIH
Input Rise/Fall time
0.5
ns
VIL
Input Pulses Low voltage
0.2
V
VIH
Input Pulses High voltage
1.6
V
VREF
Input and Output Timing ref. voltages
0.9
V
AI08009c
1.6V
Input Timing Reference Voltage
0.2V
VDDQ/2
VDDQ
Output Transition Timing Reference Voltage
0V
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com