Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NIF9N05CL Datasheet(PDF) 7 Page - ON Semiconductor

Part # NIF9N05CL
Description  Protected Power MOSFET 2.6 A, 52 V, N−Channel, Logic Level, Clamped MOSFET w/ ESD Protection in a SOT−223 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF9N05CL Datasheet(HTML) 7 Page - ON Semiconductor

  NIF9N05CL_V01 Datasheet HTML 1Page - ON Semiconductor NIF9N05CL_V01 Datasheet HTML 2Page - ON Semiconductor NIF9N05CL_V01 Datasheet HTML 3Page - ON Semiconductor NIF9N05CL_V01 Datasheet HTML 4Page - ON Semiconductor NIF9N05CL_V01 Datasheet HTML 5Page - ON Semiconductor NIF9N05CL_V01 Datasheet HTML 6Page - ON Semiconductor NIF9N05CL_V01 Datasheet HTML 7Page - ON Semiconductor NIF9N05CL_V01 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SOT−223 (TO−261)
CASE 318E−04
ISSUE R
DATE 02 OCT 2018
STYLE 4:
PIN 1. SOURCE
2. DRAIN
3. GATE
4. DRAIN
STYLE 6:
PIN 1. RETURN
2. INPUT
3. OUTPUT
4. INPUT
STYLE 8:
CANCELLED
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
STYLE 10:
PIN 1. CATHODE
2. ANODE
3. GATE
4. ANODE
STYLE 7:
PIN 1. ANODE 1
2. CATHODE
3. ANODE 2
4. CATHODE
STYLE 3:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
STYLE 2:
PIN 1. ANODE
2. CATHODE
3. NC
4. CATHODE
STYLE 9:
PIN 1. INPUT
2. GROUND
3. LOGIC
4. GROUND
STYLE 5:
PIN 1. DRAIN
2. GATE
3. SOURCE
4. GATE
STYLE 11:
PIN 1. MT 1
2. MT 2
3. GATE
4. MT 2
STYLE 12:
PIN 1. INPUT
2. OUTPUT
3. NC
4. OUTPUT
STYLE 13:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
1
A
= Assembly Location
Y
= Year
W
= Work Week
XXXXX = Specific Device Code
G
= Pb−Free Package
GENERIC
MARKING DIAGRAM*
AYW
XXXXXG
G
(Note: Microdot may be in either location)
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “G”, may
or may not be present. Some products may
not follow the Generic Marking.
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98ASB42680B
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 2 OF 2
SOT−223 (TO−261)
© Semiconductor Components Industries, LLC, 2018
www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com