Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS1008 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1008
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1008 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1008 Datasheet HTML 1Page - Advanced Power Technology MS1008 Datasheet HTML 2Page - Advanced Power Technology MS1008 Datasheet HTML 3Page - Advanced Power Technology MS1008 Datasheet HTML 4Page - Advanced Power Technology MS1008 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
MS1008
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
RF & MICROWAVE TRANSISTORS
HF SSB APPLICATIONS
DESCRIPTION:
The MS1008 is a 50V epitaxial silicon NPN planar transistor
designed primarily for SSB communications. This device
utilizes emitter ballasting to achieve extreme ruggedness
under severe operating conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
10
A
PDISS
Power Dissipation
233
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
-65 to +150
°C
Thermal Data
RTH(J-C)
Junction-Case Thermal Resistance
0.75
°C/W
Features
• 30 MHz
• 50 VOLTS
• IMD = –30 dB
• P
OUT = 150 WATTS
• G
P = 14 dB MINIMUM
• COMMON EMITTER CONFIGURATION
Rev A 11/2005


Similar Part No. - MS1008

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1008 MICROSEMI-MS1008 Datasheet
120Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MS1008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
logo
New Jersey Semi-Conduct...
SD1487 NJSEMI-SD1487 Datasheet
77Kb / 2P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com